Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-100C Datasheet(PDF) 2 Page - CUI INC

Part # VOF-100C
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-100C Datasheet(HTML) 2 Page - CUI INC

  VOF-100C Datasheet HTML 1Page - CUI INC VOF-100C Datasheet HTML 2Page - CUI INC VOF-100C Datasheet HTML 3Page - CUI INC VOF-100C Datasheet HTML 4Page - CUI INC VOF-100C Datasheet HTML 5Page - CUI INC VOF-100C Datasheet HTML 6Page - CUI INC VOF-100C Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 06/12/2021
│ page 2 of 7
CUI Inc
│ SERIES: VOF-100C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
2.0
1.0
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
40
75
A
A
leakage current
at 240 Vac
0.1
mA
power factor correction
at 115 Vac, full load
at 230 Vac, full load
0.98
0.94
no load power consumption
0.5
W
OUTPUT
parameter
conditions/description
min
typ
max
units
output capacitance
12 Vdc output model
15 Vdc output model
24 Vdc output model
27 Vdc output model
36 Vdc output model
48 Vdc output model
6,000
5,000
3,200
2,400
2,000
1,600
μF
μF
μF
μF
μF
μF
initial set point accuracy
at full load, 25°C
12 Vdc & 15 Vdc output model
all other output models
±2
±1
%
%
line regulation
rated load
±0.5
%
load regulation
0 ~ 100% load
±1
%
hold-up time
at 230 Vac, 25°C
15
ms
temperature coefficient
±0.03
%/°C
adjustability
via built-in trimpot
±5
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output shutdown, latching
12 Vdc output model
15 Vdc output model
24 Vdc output model
27 Vdc output model
36 Vdc output model
48 Vdc output model
16
25
32
35
50
60
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup, auto recovery
130
%
short circuit protection
continuous, auto recovery, hiccup
over temperature protection
output shutdown, auto recovery
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com