Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS31256 Datasheet(PDF) 133 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 133 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 129Page - Maxim Integrated Products DS31256 Datasheet HTML 130Page - Maxim Integrated Products DS31256 Datasheet HTML 131Page - Maxim Integrated Products DS31256 Datasheet HTML 132Page - Maxim Integrated Products DS31256 Datasheet HTML 133Page - Maxim Integrated Products DS31256 Datasheet HTML 134Page - Maxim Integrated Products DS31256 Datasheet HTML 135Page - Maxim Integrated Products DS31256 Datasheet HTML 136Page - Maxim Integrated Products DS31256 Datasheet HTML 137Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
133 of 183
10.1.3 PCI Bus Arbitration
The PCI bus can be arbitrated as shown in Figure 10-4. The initiator requests bus access by asserting
PREQ. A central arbiter grants the access some time later by asserting PGNT. Once the bus has been
granted, the initiator waits until both
PIRDY and PFRAME are deasserted (i.e., an idle cycle) before
acquiring the bus and beginning the transaction. As shown in Figure 10-3, the bus was still being used
when it was granted and the device had to wait until clock cycle #6 before it acquired the bus and began
the transaction. The arbiter can deassert
PGNT at any time and the initiator must relinquish the bus after
the current transfer is complete, which can be limited by the latency timer.
Figure 10-4. PCI Bus Arbitration Signaling Protocol
10.1.4 PCI Initiator Abort
If a target fails to respond to an initiator by asserting
PDEVSEL and PTRDY within 5 clock cycles, then
the initiator aborts the transaction by deasserting
PFRAME and then, one clock later, by deasserting
PIDRY (Figure 10-5). If such a scenario occurs, it is reported through the master abort status bit in the
PCI command/status configuration register (Section 10.2).
Figure 10-5. PCI Initiator Abort
123456
789
10
PCLK
PREQ
PGNT
PFRAME
Bus is Relinquished
Bus is Acquired
Wait for
PGNT Asserted
and then
PFRAME and
PIRDY Deasserted
123456789
10
PCLK
PFRAME
PIRDY
PTRDY
PDEVSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com