| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 132 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 132 Page - Maxim Integrated Products |
|
132 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 132 of 183 10.1.2 PCI Write Cycle A write cycle on the PCI bus is shown in Figure 10-3. During clock cycle #1, the initiator asserts the PFRAME signal and drives the address onto the PAD signal lines and the bus command (which would be a write) onto the PCBE signal lines. The target reads the address and bus command and, if the address matches its own, it then asserts the PDEVSEL signal and begins the bus transaction. During clock cycle #2, the initiator stops driving the address onto the PAD signal lines and begins driving data #1. It also switches the PCBE signal lines to indicate the byte enable for data #1. The initiator asserts the PIRDY signal and begins monitoring the PDEVSEL and PTRDY signals. During clock cycle #3, the initiator detects that PDEVSEL and PTRDY are asserted, which indicates that the target has accepted data #1 and the initiator begins driving the data and byte enable for data #2. During clock cycle #4, since PDEVSEL and PTRDY are asserted, data #2 is written by the initiator to the target. During clock cycle #5, both PIRDY and PTRDY are deasserted, indicating that neither the initiator nor the target are ready for data #3 to be passed. During clock cycle #6, the initiator is ready so it asserts PIRDY and deasserts PFRAME, which indicates that data #3 is the last one passed. During clock cycle #8, the target asserts PTRDY, which indicates to the initiator that data #3 is ready to be accepted by the target. During clock cycle #9, the initiator deasserts PIRDY and stops driving the PAD and PCBE signal lines. The target deasserts PDEVSEL and PTRDY. The PXAS, PXDS, and PXBLAST signals are not part of a standard PCI bus. These PCI extension signals are unique to the device. They are useful in adapting the PCI bus to a proprietary bus scheme. They are only asserted when the device is a bus master. Figure 10-3. PCI Bus Write 123456 789 10 data #1 Address CMD BE #1 PCLK PFRAME PAD PCBE PIRDY PTRDY PDEVSEL PXDS PXAS PXBLAST data #2 data #3 BE #2 BE #3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |