| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 130 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 130 Page - Maxim Integrated Products |
|
130 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 130 of 183 10. PCI BUS 10.1 General Description of Operation The PCI block interfaces the DMA block to an external high-speed bus. The PCI block complies with Revision 2.1 (June 1, 1995) of the PCI Local Bus Specification. HDLC packet data always passes to and from the DS31256 through the PCI bus. The user has the option to configure and monitor the internal device registers either through the PCI bus (local bus bridge mode) or through the local bus (local bus configuration mode). When the local bus bridge mode is used, the host on the PCI bus can also bridge to the local bus and sets/monitors the PCI configuration registers. When the local bus configuration mode is used, the CPU on the local bus sets/monitors the PCI configuration registers. The PCI configuration registers (Figure 10-1) are described in detail in Section 10.2. The following notes apply to the PCI configuration registers: 1) All unused locations (the shaded areas of Figure 10-1) return zeros when read. 2) Read-only locations can be written with either 1 or 0 with no effect. 3) All bits are read/write, unless otherwise noted. Figure 10-1. PCI Configuration Memory Map 0x000 0x004 0x008 0x00C 0x010 0x03C 0x100 0x104 0x108 0x10C 0x110 Device ID Vendor ID Status Command Class Code Revision ID Header Type Latency Timer Base Address for Device Configuration 0x000 Max. Latency Min. Grant Interrupt Pin Interrupt Line Header Type Device ID Vendor ID Status Command Class Code Revision ID 0x00000 Base Address for Local Bus Cache Line Size Interrupt Pin Interrupt Line 0x13C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |