Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6780 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6780
Description  Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6780 Datasheet(HTML) 1 Page - STMicroelectronics

  STM6780 Datasheet HTML 1Page - STMicroelectronics STM6780 Datasheet HTML 2Page - STMicroelectronics STM6780 Datasheet HTML 3Page - STMicroelectronics STM6780 Datasheet HTML 4Page - STMicroelectronics STM6780 Datasheet HTML 5Page - STMicroelectronics STM6780 Datasheet HTML 6Page - STMicroelectronics STM6780 Datasheet HTML 7Page - STMicroelectronics STM6780 Datasheet HTML 8Page - STMicroelectronics STM6780 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
October 2005
STM6717/6718/6719/6720
STM6777/6778/6779*/6780*
Dual/Triple Ultra-Low Voltage Supervisors
with Push-Button Reset (with Delay Option)
Rev 3.0
* Contact local ST sales office for availability.
FEATURES SUMMARY
■
PRIMARY SUPPLY (VCC1) MONITOR.
FIXED (FACTORY-PROGRAMMED) RESET
THRESHOLDS: 4.63V TO 1.58V
■
SECONDARY SUPPLY (VCC2) MONITOR
(STM6717/18/19/20/77/78).
FIXED (FACTORY-PROGRAMMED) RESET
THRESHOLDS: 3.08V TO 0.79V
■
TERTIARY SUPPLY MONITOR (USING
EXTERNALLY ADJUSTABLE RSTIN):
0.626V INTERNAL REFERENCE
■
RST OUTPUTS (PUSH-PULL OR OPEN
DRAIN); STATE GUARANTEED IF VCC1 OR
VCC2 ≥ 0.8V
■
RESET DELAY TIME (trec) ON POWER-UP:
–210ms (typ)
■
MANUAL RESET INPUT (MR)
■
OPTIONAL DELAYED MANUAL RESET
INPUT (MRC) WITH EXTERNAL
CAPACITOR (STM6777/78/79/80)
■
LOW SUPPLY CURRENT - 11µA (TYP),
VCC1 = VCC2 = 3.6V
■
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
Figure 1. Packages
Table 1. Device Options
SOT23-5 (WY)
SOT23-6 (WB)
Part
Number
Monitored Voltages
Manual Reset
Input (MR)
Delayed MR
Pin (MRC)
Reset Output (RST)
Package
VCC1
VCC2
RSTIN
Active-Low
(Push-Pull)
Active-Low
(Open Drain)
STM6717
✔✔
✔
✔
WY
STM6718
✔✔
✔
✔
WY
STM6719
✔✔
✔
✔
✔
WB
STM6720
✔✔
✔
✔
✔
WB
STM6777
✔✔
✔
✔
✔
WB
STM6778
✔✔
✔
✔
✔
WB
STM6779*
✔✔
✔
✔
✔
WB
STM6780*
✔✔
✔
✔
✔
WB


Similar Part No. - STM6780

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6780 STMICROELECTRONICS-STM6780 Datasheet
251Kb / 29P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
05-Dec-2007
STM6780 STMICROELECTRONICS-STM6780 Datasheet
664Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
22-Mar-2010
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
02-Aug-2011
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
02-Aug-2011
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors
02-Aug-2011
More results

Similar Description - STM6780

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6717 STMICROELECTRONICS-STM6717_07 Datasheet
251Kb / 29P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
05-Dec-2007
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
Dual push-button Smart Reset??with capacitor-adjustable setup delay
10-May-2010
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
22-Mar-2010
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
Push-Button Reset IC with Voltage Supervisor
logo
STMicroelectronics
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
02-Aug-2011
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
02-Aug-2011
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors
02-Aug-2011
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
Dual/triple ultra-low voltage supervisors
02-Aug-2011
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com