Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6780 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM6780
Description  Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6780 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM6780 Datasheet HTML 2Page - STMicroelectronics STM6780 Datasheet HTML 3Page - STMicroelectronics STM6780 Datasheet HTML 4Page - STMicroelectronics STM6780 Datasheet HTML 5Page - STMicroelectronics STM6780 Datasheet HTML 6Page - STMicroelectronics STM6780 Datasheet HTML 7Page - STMicroelectronics STM6780 Datasheet HTML 8Page - STMicroelectronics STM6780 Datasheet HTML 9Page - STMicroelectronics STM6780 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STM6717/6718/6719/6720/6777/6778/6779*/6780*
6/25
Pin Descriptions
Active-Low, Push-pull Reset Output (RST) -
STM6718/20/78/80. The RST pin is driven low
and stays low whenever VCC1 or VCC2 or RSTIN
falls below its factory-trimmed or adjustable reset
threshold or when MR goes to logic low. It remains
low for trec after ALL supply voltages being moni-
tored rise above their reset thresholds and MR
goes from low to high. (Push-pull outputs are ref-
erenced to VCC1.)
Active-Low, Open Drain Reset Output (RST) -
STM6717/19/77/79. The RST pin is driven low
and stays low whenever VCC1 or VCC2 or RSTIN
falls below its factory-trimmed or adjustable reset
threshold or when MR goes to logic low. It remains
low for trec after ALL supply voltages being moni-
tored rise above their reset thresholds and MR
goes from low to high. Connect an external pull-up
resistor to VCC1. A 10kΩ pull-up resistor should be
sufficient for most applications.
Push-Button Reset Input (MR). When MR goes
low the RST output is driven low. RST remains low
as long as MR is low and for trec after MR returns
to high. This active-low input has an internal 50k
Ω
pull-up resistor to VCC1. It can be driven from a
TTL or CMOS logic line, or with open drain/collec-
tor outputs, or connected to VSS through a switch.
If unused, leave this pin open or connect it to VCC1.
Connect a normally open momentary switch from
MR to VSS; external debounce circuitry is not re-
quired. (If MR is driven from long cables or if the
device is used in noisy environments, connecting
a 0.1µF capacitor from MR to VSS provides addi-
tional noise immunity.
Manual Reset Delay Input (MRC) - STM6777/78/
79/80). This pin is either left open or connected to
VSS via a capacitor. By selecting the appropriate
capacitor, the manual reset process, initiated by
pressing the push-button Manual Reset Input, can
be delayed by any value from 6µs or more (see
Table 7., page 19).
Primary
Supply
Voltage
Monitoring
Input
(VCC1). It also is the input for the primary reset
threshold monitor. Available fixed (customer-se-
lectable, factory-programmed) reset thresholds in-
clude 4.63V to 1.58V.
Secondary Supply Voltage Monitoring Input
(VCC2). This
function
is
available
on
the
STM6717/18/19/20/77/78. Fixed
(customer-se-
lectable, factory-programmed) reset thresholds in-
clude 3.08V to 0.79V.
Adjustable Reset Comparator Input (RSTIN;
STM6719/20/79/80). This is a high impedance in-
put. RST is driven low when the voltage at the
RSTIN pin falls below 0.626V (internal reference
voltage at this comparator). The monitored voltage
reset threshold is set with an external resistor-di-
vider network.
Table 3. Pin Functions
Pin
Name
Function
STM6717
STM6718
STM6719
STM6720
STM6777
STM6778
STM6779
STM6780
11
11
RST
Active-low Reset Output
33
33
MR
Push-button Reset Input
–
–
5
4
MRC
Manual Reset Delay Input
56
66
VCC1
Primary Supply Voltage Input
44
4–
VCC2
Secondary Supply Voltage Input
–
5
–
5
RSTIN
Adjustable Reset Comparator Input
22
22
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com