Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2140AIDR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 22Page - Texas Instruments OPA2140AIDR Datasheet HTML 23Page - Texas Instruments OPA2140AIDR Datasheet HTML 24Page - Texas Instruments OPA2140AIDR Datasheet HTML 25Page - Texas Instruments OPA2140AIDR Datasheet HTML 26Page - Texas Instruments OPA2140AIDR Datasheet HTML 27Page - Texas Instruments OPA2140AIDR Datasheet HTML 28Page - Texas Instruments OPA2140AIDR Datasheet HTML 29Page - Texas Instruments OPA2140AIDR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 TINA-TI™ SImulation Software (Free Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI™
simulation software is a free, fully-functional version of the TINA software, preloaded with a library of macro
models in addition to a range of both passive and active models. TINA-TI simulation softwate provides all the
conventional dc, transient, and frequency domain analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI simulation software offers extensive
post-processing capability that allows users to format results in a variety of ways. Virtual instruments offer
the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Note
These files require that either the TINA software (from DesignSoft™) or TINA-TI software be installed.
Download the free TINA-TI software from the TINA-TI folder.
11.1.1.2 WEBENCH Filter Designer Tool
WEBENCH® Filter Designer is a simple, powerful, and easy-to-use active filter design program. The WEBENCH
Filter Designer lets you create optimized filter designs using a selection of TI operational amplifiers and passive
components from TI's vendor partners.
11.1.1.3 TI Precision Designs
TI Precision Designs are available online at http://www.ti.com/ww/en/analog/precision-designs/. TI Precision
Designs are analog solutions created by TI’s precision analog applications experts and offer the theory of
operation, component selection, simulation, complete PCB schematic and layout, bill of materials, and measured
performance of many useful circuits.
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, Circuit Board Layout Techniques
• Texas Instruments, Op Amps for Everyone design reference
• Texas Instruments, OPA140, OPA2140, OPA4140 EMI Immunity Performance technical brief
• Texas Instruments, Compensate Transimpedance Amplifiers Intuitively application report
• Texas Instruments, Operational amplifier gain stability, Part 3: AC gain-error analysis
• Texas Instruments, Operational amplifier gain stability, Part 2: DC gain-error analysis
• Texas Instruments, Using infinite-gain, MFB filter topology in fully differential active filters
• Texas Instruments, Op Amp Performance Analysis application bulletin
• Texas Instruments, Single-Supply Operation of Operational Amplifiers application bulletin
• Texas Instruments, Tuning in Amplifiers application bulletin
• Texas Instruments, Shelf-Life Evaluation of Lead-Free Component Finishes application report
• Texas Instruments, Feedback Plots Define Op Amp AC Performance application bulletin
• Texas Instruments, EMI Rejection Ratio of Operational Amplifiers Application Report application report
11.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com