Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2140AIDR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AIDR
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140AIDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2140AIDR Datasheet HTML 8Page - Texas Instruments OPA2140AIDR Datasheet HTML 9Page - Texas Instruments OPA2140AIDR Datasheet HTML 10Page - Texas Instruments OPA2140AIDR Datasheet HTML 11Page - Texas Instruments OPA2140AIDR Datasheet HTML 12Page - Texas Instruments OPA2140AIDR Datasheet HTML 13Page - Texas Instruments OPA2140AIDR Datasheet HTML 14Page - Texas Instruments OPA2140AIDR Datasheet HTML 15Page - Texas Instruments OPA2140AIDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
40
35
30
25
20
15
10
5
0
0
200
400
600
800
1000
1200
1400
1600
Capacitive Load (pF)
R
= 0W
OUT
R
= 24W
OUT
R
= 51W
OUT
+15V
-15V
R
OUT
C
L
OPA140
R
L
G = +1
Figure 6-19. Small-Signal Overshoot vs Capacitive Load (100-
mV Output Step)
50
45
40
35
30
25
20
15
10
5
0
0
500
1000
1500
2000
Capacitive Load (pF)
R
= 24W
OUT
R
= 51W
OUT
R
= 0W
OUT
OPA140
R =
I
2kW
R
OUT
C
L
R
F = 2kW
+15V
-15V
G = 1
-
Figure 6-20. Small-Signal Overshoot vs Capacitive Load (100-
mV Output Step)
Output
Output
Time(0.4 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
OPA140
Figure 6-21. No Phase Reversal
35
30
25
20
15
10
5
0
10k
100k
1M
10M
Frequency (Hz)
V = ±2.25 V
S
V = ±5 V
S
V = ±15 V
S
Maximum Output
Voltage Range
Without Slew-Rate
Induced Distortion
Figure 6-22. Maximum Output Voltage vs Frequency
Time (0.4 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA140
V
IN
V
OUT
G = 10
-
Figure 6-23. Positive Overload Recovery
Time(0.4 s/div)
m
2kW
20kW
V
IN
V
OUT
OPA140
V
IN
V
OUT
G= 10
-
Figure 6-24. Negative Overload Recovery
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com