Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3LABBABFQ1 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TDA3LABBABFQ1
Description  TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA3LABBABFQ1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TDA3LABBABFQ1 Datasheet HTML 49Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 50Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 51Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 52Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 53Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 54Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 55Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 56Page - Texas Instruments TDA3LABBABFQ1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 271 page
background image
53
TDA3MV, TDA3MA, TDA3MD
TDA3LX, TDA3LA
www.ti.com
SPRS964H – JUNE 2016 – REVISED FEBRUARY 2020
Submit Documentation Feedback
Product Folder Links: TDA3MV TDA3MA TDA3MD TDA3LX TDA3LA
Terminal Configuration and Functions
Copyright © 2016–2020, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin2b_d1
Video Input 2 Port B Data input
I
W11
vin2b_d2
Video Input 2 Port B Data input
I
V9
vin2b_d3
Video Input 2 Port B Data input
I
W9
vin2b_d4
Video Input 2 Port B Data input
I
U8
vin2b_d5
Video Input 2 Port B Data input
I
W8
vin2b_d6
Video Input 2 Port B Data input
I
U7
vin2b_d7
Video Input 2 Port B Data input
I
V7
vin2b_de1
Video Input 2 Port B Field ID input
I
M17
vin2b_hsync1
Video Input 2 Port B Horizontal Sync input
I
M17
vin2b_vsync1
Video Input 2 Port B Vertical Sync input
I
M18
4.4.2
Display Subsystem – Video Output Ports
Table 4-5. DSS Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DPI Video Output 1
vout1_clk
Video Output 1 Clock output
O
AB17
vout1_d0
Video Output 1 Data output
O
W16
vout1_d1
Video Output 1 Data output
O
V16
vout1_d2
Video Output 1 Data output
O
U15
vout1_d3
Video Output 1 Data output
O
V15
vout1_d4
Video Output 1 Data output
O
Y15
vout1_d5
Video Output 1 Data output
O
W15
vout1_d6
Video Output 1 Data output
O
AA15
vout1_d7
Video Output 1 Data output
O
AB15
vout1_d8
Video Output 1 Data output
O
AA14
vout1_d9
Video Output 1 Data output
O
AB14
vout1_d10
Video Output 1 Data output
O
U13
vout1_d11
Video Output 1 Data output
O
V13
vout1_d12
Video Output 1 Data output
O
Y13
vout1_d13
Video Output 1 Data output
O
W13
vout1_d14
Video Output 1 Data output
O
U11
vout1_d15
Video Output 1 Data output
O
V11
vout1_d16
Video Output 1 Data output
O
U9
vout1_d17
Video Output 1 Data output
O
W11
vout1_d18
Video Output 1 Data output
O
V9
vout1_d19
Video Output 1 Data output
O
W9
vout1_d20
Video Output 1 Data output
O
U8
vout1_d21
Video Output 1 Data output
O
W8
vout1_d22
Video Output 1 Data output
O
U7
vout1_d23
Video Output 1 Data output
O
V7
vout1_de
Video Output 1 Data Enable output
O
U17
vout1_fld
Video Output 1 Field ID output. This signal is not used for embedded sync modes.
O
W17
vout1_hsync
Video Output 1 Horizontal Sync output. This signal is not used for embedded sync
modes.
O
AA17
vout1_vsync
Video Output 1 Vertical Sync output. This signal is not used for embedded sync modes.
O
U16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com