Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4020BCPZ-R2 Datasheet(PDF) 34 Page - Analog Devices

Part # AD4020BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020BCPZ-R2 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD4020BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4020BCPZ-R2 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 34 of 40
CS MODE, 4-WIRE WITHOUT THE BUSY INDICATOR
This mode is typically used when multiple AD4020/AD4021/
AD4022 devices are connected to an SPI-compatible digital
host. A connection diagram using two AD4020/AD4021/AD4022
devices is shown in Figure 61, and the corresponding timing
diagram is shown in Figure 62.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable bit in the configuration
register to 0 (see Table 12). Turbo mode is disabled by default.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. When performing conversions in this mode,
SDI must be high during the CNV rising edge. CNV must be
held high throughout the conversion and data readback phase.
When performing conversions in this mode, SDI must be high
during the CNV rising edge. Prior to the minimum conversion
time (tCONV), SDI can select other SPI devices, such as analog
multiplexers. However, SDI must be returned high before the
minimum conversion time elapses and then held high for the
maximum possible conversion time to avoid generating the
busy signal indicator. When the conversion is complete, the
AD4020/AD4021/AD4022 enter the acquisition phase and
power down. There must not be any digital activity on SCK
during the conversion.
SDI is analogous to a chip select input and each ADC result can
be read by bringing the corresponding SDI input low. Bringing
SDI low on each device outputs the MSB of the conversion
result on the corresponding SDO pin. The remaining data bits
are clocked out on SDO by subsequent SCK falling edges. The
data is valid on both SCK edges. The conversion result is clocked
out on SDO on the first 20 SCK falling edges. If the status bits
are enabled, they are shifted out on SDO on the 21st through the
26th SCK falling edges (see the Status Bits section). SDO returns to
high impedance after the final SCK falling edge, or when SDI goes
high (whichever occurs first). If the SDO of each device is tied
together, ensure SDI is only low for one device at a time. The
user must also provide a delay of tQUIET2 between the final SCK
falling edge and the next CNV rising edge to ensure specified
performance.
AD4020/
AD4021/
AD4022
SDI
SDO
CNV
SCK
AD4020/
AD4021/
AD4022
SDI
SDO
CNV
SCK
DEVICE B
DEVICE A
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
Figure
61. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D19
D18
D17
D1
D0
tDIS
SCK
12
3
38
39
40
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
CYC
tACQ
ACQUISITION
SDI(CS1)
CNV
tSSDICNV
tHSDICNV
D1
18
19
tSCK
tSCKL
tSCKH
D0
D19
D18
21
22
20
SDI(CS2)
tQUIET2
Figure
62. CS Mode, 4-Wire Without the Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com