Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31015EAG1-R Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ZSC31015EAG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EAG1-R Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ZSC31015EAG1-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
© 2016 Integrated Device Technology, Inc
19
November 14, 2016
ZSC31015 Datasheet
The Voltage Reference Block uses the absolute reference voltage provided by the bandgap to produce two
regulated on-chip voltage references. A 1V reference is used for the output DAC high reference when the part is
configured in 0-1V Analog Output Mode. For this reason, the 1V reference must be very accurate and includes
trim so that its value can be trimmed within +/- 3mV of 1.00V. The 1V reference is also used as the on-chip
reference for the JFET regulator block. The regulation set point of the JFET regulator can be fine-tuned using the
1V trim.
The reference trim setting is selected with the 1V_Trim/JFET_Trim bits in EEPROM. See Table 3.5 for bit
locations. Table 2.1 shows the order of trim codes with 0111 for the lowest reference voltage and 1000 for the
highest reference voltage.
Important: Optimal reference trim is determined during wafer-level testing and final package testing. Back-up
copies of these bits are stored in bits in the CUST_ID0 bits for applications requiring accurate references. In this
case, see section 5 for important notes and instructions for verifying the integrity of the 1V_Trim/JFET_Trim bits
and if necessary, restoring the value from the CUST_ID0 bits before calibration.
Table 2.1
1V Reference Trim (1V vs. Trim for Nominal Process Run)
Order
1Vref/
5Vref_trim3
1Vref/
5Vref_trim2
1Vref/
5Vref_trim1
1Vref/
5Vref_trim0
Highest Reference Voltage
1
0
0
0
…
1
0
0
1
…
1
0
1
0
…
1
0
1
1
…
1
1
0
0
…
1
1
0
1
…
1
1
1
0
…
1
1
1
1
…
0
0
0
0
…
0
0
0
1
…
0
0
1
0
…
0
0
1
1
…
0
1
0
0
…
0
1
0
1
…
0
1
1
0
Lowest Reference Voltage
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com