Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31015EAG1-R Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # ZSC31015EAG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EAG1-R Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button ZSC31015EAG1-R Datasheet HTML 32Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 33Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 34Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 35Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 36Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 37Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 38Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 39Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
© 2016 Integrated Device Technology, Inc
36
November 14, 2016
ZSC31015 Datasheet
EEPROM
Range
Description
Default
Settings
As of ww08/2009
Notes
127:120
Cust_ID0
ssBIN
w
here “s” is a part-
specific factory bit
setting.
During factory test-
ing, two back-up
copies of the optimal
setting for the
1V_Trim/JFET_Trim
bits are stored in
[123:120] and in
[127:124]. See im-
portant notes in
section 5.
Customer ID byte 0
Can be used to store a customer part identification number.
Caution: If the application requires accurate voltage references,
do not overwrite this byte until completing the procedures in
section 5.
135:128
Cust_ID1
xsss xsssBIN
where “s” is a part-
specific factory bit
setting and x is
“don’t care.”
During factory test-
ing, two copies of
the optimal setting
for the Osc_Trim
bits are stored in
[130:128] and in
[134:132]. (Also in
Cust_ID2.) See im-
portant notes in
section 5.
Customer ID byte 1
Can be used to store a customer part identification number.
Caution: If the application requires optimal response time, do not
overwrite this byte until completing the procedures in section 5.
143:136
Cust_ID2
xxxx xsssBIN
where “s” is a part-
specific factory bit
setting and X is
“don’t care.”
During factory test-
ing, a copy of the
optimal setting for
the Osc_Trim bits is
stored in [138:136].
(Also in Cust_ID1.)
See important notes
in section 5.
Customer ID byte 2
Can be used to store a customer part identification number.
Caution: If the application requires optimal response time, do not
overwrite this byte until completing the procedures in section 5.
151:144
Signature
8-bit EEPROM signature. Generated through a LFSR
**. This
signature is checked on power-on to ensure integrity of EEPROM
contents.
** Linear feedback shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com