Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6T7V6CAY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMA6T7V6CAY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T7V6CAY Datasheet(HTML) 4 Page - STMicroelectronics

  SMA6T7V6CAY Datasheet HTML 1Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 2Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 3Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 4Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 5Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 6Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 7Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 8Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics (curves)
Figure 3. Relative variation of peak power versus initial
junction temperature
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
%
T (°C)
j
10/1000 µs
Figure 4. Maximum peak pulse power versus exponential
pulse duration
P
PP(kW)
0.1
1.0
10.0
0.01
0.10
1.00
10.00
Tj initial = 25 °C
tP(ms)
Figure 5. Maximum clamping voltage versus peak pulse
current exponential waveform
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
IPP(A)
10/1000 µs
Tj initial=25 °C
8/20 µs
V CL(V)
V CL(V)
Figure 6. Dynamic resistance versus pulse duration
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
R
D(Ω)
SMA6T82AY/CAY
SMA6T56AY/CAY
SMA6T15AY/CAY
SMA6T6V7AY/CAY
t
P(ms)
Figure 7. Junction capacitance versus reverse applied
voltage for unidirectional types
C(pF)
10
100
1000
10000
1
10
100
1000
f =1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7AY
SMA6T30AY
SMA6T82AY
V (V)
R
Figure 8. Junction capacitance versus reverse applied
voltage for bidirectional types
C(pF)
10
100
1000
10000
1
1 0
100
1000
f =1 MHz
VOSC=30 mVRMS
Tj=25 °C
SMA6T6V7CAY
SMA6T30CAY
SMA6T82CAY
V (V)
R
SMA6TY
Characteristics (curves)
DS6931 - Rev 8
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com