Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6T7V6CAY Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6T7V6CAY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T7V6CAY Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6T7V6CAY Datasheet HTML 1Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 2Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 3Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 4Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 5Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 6Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 7Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 8Page - STMicroelectronics SMA6T7V6CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 9. Leakage current versus junction temperature
I (nA )
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
VR=VRM
VRM > 10 V
VRM ≤ 10 V
T (°C)
j
Figure 10. Peak forward voltage drop versus peak forward
current
IFM(A)
1.E-02
1.E-01
1.E+00
1.E+01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Tj=25 °C
Tj=125 °C
VFM(V)
Figure 11. Relative variation of thermal impedance,
junction to ambient, versus pulse duration
Zth (j-a)/Rth (j-a)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
s
tp
Printed circuit board FR4,
copper surface = 1 cm2
Figure 12. Thermal resistance junction to ambient versus
copper surface under each lead
0
50
100
150
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Rth(j-a) (°C/W)
SCu (cm²)
Single pulse on recommended footprint.Epoxy printed circuit
board FR4, 70 µm Cu thickness
Figure 13. ISO7637-2 pulse 1: Vs = -150 V with 12 V
battery
5 A /div
500 µs /div
SMA6T30CAY
SMA6T30AY
10 V/div
Figure 14. ISO7637-2 pulse 2a: Vs = +112 V with 12 V
battery
10 V/div
10 µs /div
10 A /div
SMA6T30CAY
SMA6T30AY
SMA6TY
Characteristics (curves)
DS6931 - Rev 8
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com