Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P062ABD8 Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P062ABD8
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P062ABD8 Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P062ABD8 Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P062ABD8 Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P062ABD8 Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P062ABD8 Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P062ABD8 Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P062ABD8
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
25
1
3
±100
nA
1
10
150
A
7.8
9.3
4
6
30
S
1740
504
338
1
Ω
37.2
6.8
8.5
17
15
111
71
31
A
1.16
V
50
nS
40
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
UNITS
SYMBOL
TEST CONDITIONS
pF
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 30A
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
mA
VGS =10V, ID =30A
gfs
Fall Time
2
VDS = VGS, ID = 250mA
trr
VSD
VDS = 15V , RL = 3Ω
ID≌5A, VGS = 10V, RGEN =6Ω
td(on)
td(off)
Gate-Source Charge
2
Reverse Transfer Capacitance
Turn-On Delay Time
2
Rise Time
2
V(BR)DSS
Drain-Source On-State
Resistance
1
Ciss
Gate-Body Leakage
Input Capacitance
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
tf
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 °C)
nS
Total Gate Charge
2
Rg
PARAMETER
Output Capacitance
Qg
VGS = 0V, VDS = 25V, f = 1MHz
VGS(th)
IF = IS, VGS = 0V
IS
Qgd
Qgs
DYNAMIC
nC
VDS =24V, VGS = 0V
VGS = 0V, ID = 250mA
VDS =15V, ID =24A
mΩ
V
Turn-Off Delay Time
2
tr
Gate-Drain Charge
2
Gate Resistance
VGS = 0V, VDS = 0V, f = 1MHz
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
STATIC
Forward Transconductance
1
VDS =20V, VGS = 0V, TJ = 55°C
VGS =4.5V, ID =30A
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
RDS(ON)
REV 1.0
2
2014/4/29



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com