Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP016D-RVLA3 Datasheet(PDF) 91 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RVLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RVLA3 Datasheet(HTML) 91 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RVLA3 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
91
Rev. B10
03/09/2020
AUTOBOOT REGISTER READ OPERATION (RDABR, 14h)
The AutoBoot Register Read command is shifted in. Then the 32-bit AutoBoot Register is shifted out, least
significant byte first, most significant bit of each byte first. It is possible to read the AutoBoot Register continuously
by providing multiples of 32 bits.
Figure 8.76 RDABR Sequence In SPI Mode
Instruction = 14h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out 1
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
...
...
Figure 8.77 RDABR Sequence In QPI Mode
14h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com