Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP016D-RVLA3 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25LP016D-RVLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-RVLA3 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-RVLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP016D-RVLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
8
Rev. B10
03/09/2020
Top View, Balls Facing Down
NC
NC
NC
NC
F1
F2
F3
F4
NC
RESET#(NC)
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A1
(3)
(1,2)
24-ball TFBGA, 4x6 Ball Array (Package:G)
NC
NC
RESET#/(NC)
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
NC
NC
NC
Top View, Balls Facing Down
NC
24-ball TFBGA, 5x5 Ball Array (Package:H)
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A5
B5
C5
D5
E5
NC
(3)
(1,2)
NC
Notes:
1.
The pin can be configured as Hold# or Reset# by setting P7 bit of the Read Register. Pin default is Hold#.
2.
Dedicated RESET# pin is available in devices with a dedicated part number, in these devices Pin 1 (16-pin
SOIC) or ball D4 (24-ball TFBGA) are set to Hold# regardless of P7 setting of the Read Register.
3.
For compatibility, the pin can be disabled on dedicated part numbers by setting Bit0 (Dedicated RESET#
Disable) of the Function Register to “1” (default is “0” from factory on dedicated part numbers). An internal
pull-up resistor exists and the pin may be left floating if not used.
16-pin SOIC / 24-ball TFBGA
Device with HOLD#/RESET#
Device with dedicated RESET#
Pin1 / Ball D4
Hold#(IO3) or RESET#(IO3) by P7 bit setting
Hold#(IO3) only regardless of P7 bit setting
Pin3 / Ball A4
NC
RESET#
Part Number Option
J
R or P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com