Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS3HC080 Datasheet(PDF) 4 Page - Intel Corporation

Part # RMS3HC080
Description  Reliable, Cost Effective, Easy-to-Manage Server Board in a microATX Form Factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RMS3HC080 Datasheet(HTML) 4 Page - Intel Corporation

  RMS3HC080 Datasheet HTML 1Page - Intel Corporation RMS3HC080 Datasheet HTML 2Page - Intel Corporation RMS3HC080 Datasheet HTML 3Page - Intel Corporation RMS3HC080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Intel® Server Board S1200SP Family Product Brief
4
ORDER CODES: SERVER BOARD AND CHASSIS
Order Code
Type
Description
DBS1200SPLR
Board
Intel Server Board S1200SPLR, Disti 5 pack
DBS1200SPSR
Board
Intel Server Board S1200SPSR, Disti 5 pack
P4000XXSFDR
Chassis
Intel® Server Chassis P4000XXSFDR, pedestal chassis with 4 x 3.5 fixed hard drive
trays, 2 x 460W cold redundant power supplies
P4304XXSFCN
Chassis
Intel Server Chassis P4304XXSFCN, pedestal chassis with 4x3.5 fixed hard drive
trays, one 365W fixed power supply
P4304XXSHCN
Chassis
Intel Server Chassis P4304XXSHCN, pedestal chassis with 4x3.5 hot-swappable
hard drive backplane, one 365W fixed power supply
R1304SPOSHBNR
System
Intel Server System R1304SPOSHBNR, 1U rack system with 4x3.5 hot-
swappable hard drive backplane, one 350W fixed power supply
R1304SPOSHORR
System
Intel Server System R1304SPOSHORR, 1U rack system with 4x3.5 hot-
swappable hard drive backplane, two 450W redundant power supplies
R1208SPOSHORR
System
Intel Server System R1208SPOSHORR, 1U rack system with 8x2.5 hot-
swappable hard drive backplane, two 450W redundant power supplies
For product specifications visit: ark.intel.com
ORDER CODES: 12GBPS SAS 3.0 INTEL® INTEGRATED RAID MODULES
Order Code
Description
RMS3CC080
8 port, Intelligent Hardware RAID, LSI3108 ROC, RAID 0, 1, 10, 5, 50, 6, 60
RMS3CC040
4 port, Intelligent Hardware RAID, LSI3108 ROC, RAID 0, 1, 10, 5, 50, 6, 60
RMS3HC080
8 port, Mid-Tier RAID, LSI3008 IOC, JBOD & RAID 0, 1, 10, Hybrid 5/50
For additional RAID modules and add-in-cards, visit www.intel.com/go/RAID
For more information on Intel® server solutions visit: intel.com/serverproducts
For product specifications visit: ark.intel.com
Product does not include memory, processors, or hard drives. For compatibility information please refer to the configuration guide at www.intel.com/support.
Results have been estimated or simulated using internal Intel analysis or architecture simulation or modeling, and provided to you for informational purposes. Any differences in your system hardware, software or configuration may affect your actual
performance.
Intel technologies’ features and benefits depend on system configuration and may require enabled hardware, software or service activation. Performance varies depending on system configuration. No computer system can be absolutely secure. Check
with your system manufacturer or retailer or learn more at ark.intel.com
Intel, the Intel logo, Intel Inside, Xeon are trademarks of Intel Corporation in the U.S. and/or other countries.
*Other names and brands may be claimed as the property of others.
© 2017 Intel Corporation.
0417/JS/GO/PDF
333461-005US



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com