Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS3HC080 Datasheet(PDF) 3 Page - Intel Corporation

Part # RMS3HC080
Description  Reliable, Cost Effective, Easy-to-Manage Server Board in a microATX Form Factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RMS3HC080 Datasheet(HTML) 3 Page - Intel Corporation

  RMS3HC080 Datasheet HTML 1Page - Intel Corporation RMS3HC080 Datasheet HTML 2Page - Intel Corporation RMS3HC080 Datasheet HTML 3Page - Intel Corporation RMS3HC080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Intel® Server Board S1200SP Family Product Brief
3
Expansion Type
S1200SPLR
S1200SPSR
S1200SPOR
I/O Modules
One proprietary slot for a x4
Intel® Integrated RAID Module
None
One proprietary slot for a x8
Intel® I/O Expansion Module
PCIe Slots
1 PCIe Gen3 x8 w/ x16
connector
1 PCIe Gen3 x4 w/ x8
connector
1 PCIe Gen3 x8 w/ x8
connector
1 PCIe Gen3 x8 w/ x16
connector
1 PCIe Gen3 x4 w/ x8
connector
1 PCIe Gen3 x8 w/ x8
connector
1 PCIe Gen3 x8 w/ x16
connector
M.2
One M.2 connector, 22x42mm
None
One M.2 connector, 22x42mm
For product specifications visit: ark.intel.com
INTEL® SERVER SYSTEM R1000SPO FAMILY SPECIFICATIONS
1U Specifications
R1304SPOSHBNR
R1304SPOSHORR
R1208SPOSHORR
Server Board
S1200SPOR, server board installed
Dimensions
43.5mm x 428m x 535mm (Height X Width X Depth)
PSUs per system
One 350W, fixed
Two 450w, redundant
Two 450w, redundant
Storage
4x3.5” hot-swap backplane
4x3.5” hot-swap backplane
8x2.5” hot-swap backplane
INTEL® SERVER CHASSIS SPECIFICATIONS
4U Specifications
P4000XXSFDR
P4304XXSFCN
P4304XXSHCN
Server Board
S1200SPLR andS1200SPSR, server board purchased separately
Dimensions
17.24 in (438 mm) x 6.81 in (173mm) x 22.05 in (560 mm) (Height X Width X Depth)
PSUs per chassis
Two 460W, cold redundant
One 365W, fixed
One 365W, fixed
Fans
One PCIe* zone, one rear
system fan
One rear system fan
One rear system fan
Storage
4x3.5” fixed drive trays
4x3.5” fixed drive trays
4x3.5” hot-swap backplane
STORAGE OPTIONS WITH INTEL® SERVER CHASSIS P4000XXSFDR
Storage Options
Size
# of Drives
Type
Default
3.5”
Four (4)
Fixed SATA drives
Upgrade option 1
3.5”
Four (4)
Hot-swap 6Gbps SATA drives (FUP4X35HSDK) Hot-swap 6Gbps
Upgrade option 2
3.5”
Eight (8)
SATA drives (FUP8X35HSDK) Hot-swap 12Gbps SAS drives
Upgrade option 3
3.5”
Four (4)
(FUP4X35S3HSDK)
Upgrade option 4
3.5”
Eight (8)
Hot-swap 12Gbps SAS drives (2x FUP4X35S3HSDK)
SATA DOM
SATA DOM
One
Support one internal SATA Disk-on-Modules mounted directly
on the onboard SATA 4 port. Validated with Apacer* SATADOM
SAS Support
NA
NA
Optional SAS ROC via Intel® Integrated RAID module connector,
required to support SAS drives



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com