Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9420WS Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9420WS
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS Datasheet(HTML) 1 Page - Intersil Corporation

  X9420WS Datasheet HTML 1Page - Intersil Corporation X9420WS Datasheet HTML 2Page - Intersil Corporation X9420WS Datasheet HTML 3Page - Intersil Corporation X9420WS Datasheet HTML 4Page - Intersil Corporation X9420WS Datasheet HTML 5Page - Intersil Corporation X9420WS Datasheet HTML 6Page - Intersil Corporation X9420WS Datasheet HTML 7Page - Intersil Corporation X9420WS Datasheet HTML 8Page - Intersil Corporation X9420WS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9420
Low Noise/Low Power/SPI Bus
Single Digitally Controlled (XDCP™)
Potentiometer
FEATURES
• Solid-State Potentiometer
• SPI serial interface
• Register oriented format
—Direct read/write/transfer wiper positions
—Store as many as four positions per
potentiometer
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• Low power CMOS
—Standby current < 1µA
• High reliability
—Endurance–100,000 data changes per bit per
register
—Register data retention–100 years
• 8-bytes of nonvolatile EEPROM memory
•10k
Ω or 2.5kΩ resistor arrays
• Resolution: 64 taps each pot
• 14-lead TSSOP, 16-lead SOIC, and 16-pin plastic
DIP packages
DESCRIPTION
The X9420 integrates a single digitally controlled
potentiometers
(XDCP)
on
a
monolithic
CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile
Wiper
Counter
Register
(WCR)
and
4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power-up recalls
the contents of DR0 to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
HOLD
CS
SI
A0
VH/RH
VL/RL
Data
8
VW/RW
SCK
S0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8195.0
March 7, 2005


Similar Part No. - X9420WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9420WS XICOR-X9420WS Datasheet
113Kb / 20P
Single Digitally Controlled (XDCP) Potentiometer
X9420WS-2.7 XICOR-X9420WS-2.7 Datasheet
113Kb / 20P
Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9420WS16 INTERSIL-X9420WS16 Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
logo
Renesas Technology Corp
X9420WS16 RENESAS-X9420WS16 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9420WS16-2.7 INTERSIL-X9420WS16-2.7 Datasheet
312Kb / 19P
Single Digitally Controlled Potentiometer
April 26, 2006
More results

Similar Description - X9420WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com