Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9420WS Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9420WS
Description  Single Digitally Controlled (XDCP) Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS Datasheet(HTML) 5 Page - Intersil Corporation

  X9420WS Datasheet HTML 1Page - Intersil Corporation X9420WS Datasheet HTML 2Page - Intersil Corporation X9420WS Datasheet HTML 3Page - Intersil Corporation X9420WS Datasheet HTML 4Page - Intersil Corporation X9420WS Datasheet HTML 5Page - Intersil Corporation X9420WS Datasheet HTML 6Page - Intersil Corporation X9420WS Datasheet HTML 7Page - Intersil Corporation X9420WS Datasheet HTML 8Page - Intersil Corporation X9420WS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8195.0
March 7, 2005
The four high order bits of the instruction byte specify
the operation. The next two bits (R1 and R0) select
one of the four registers that is to be acted upon when
a register oriented instruction is issued. The last two
bits are defined as 0.
Two of the eight instructions are two bytes in length
and end with the transmission of the instruction byte.
These instructions are:
– XFR Data Register to Wiper Counter Register —
This instruction transfers the contents of one speci-
fied Data Register to the Wiper Counter Register.
– XFR Wiper Counter Register to Data Register—This
instruction transfers the contents of the Wiper
Counter Register to the specified associated Data
Register.
The basic sequence of the two byte instructions is
illustrated in Figure 4. These two-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the wiper
to this action will be delayed by tWRL. A transfer from
the WCR (current wiper position), to a Data Register is
a write to nonvolatile memory and takes a minimum of
tWR to complete. The transfer can occur between the
potentiometer and one of its associated registers.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9420; either between the host and
one of the Data Registers or directly between the host
and the WCR. These instructions are:
– Read Wiper Counter Register—read the current
wiper position of the pot,
– Write Wiper Counter Register—change current
wiper position of the pot,
– Read Data Register—read the contents of the
selected data register;
– Write Data Register—write a new value to the
selected data register.
– Read Status—This command returns the contents
of the WIP bit which indicates if the internal write
cycle is in progress.
The sequence of these operations is shown in Figure
5 and Figure 6.
The final command is Increment/Decrement. It is
different from the other commands, because it’s length
is indeterminate. Once the command is issued, the
master can clock the wiper up and/or down in one
resistor segment steps; thereby, providing a fine
tuning capability to the host. For each SCK clock pulse
(tHIGH) while SI is HIGH, the selected wiper will move
one resistor segment towards the VH/RH terminal.
Similarly, for each SCK clock pulse while SI is LOW,
the selected wiper will move one resistor segment
towards the VL/RL terminal. A detailed illustration of
the sequence and timing for this operation are shown
in Figure 7 and Figure 8.
Figure 4. Two-Byte Instruction Sequence
0101
110A0
I3
I2
I1
I0
R1
R0
0
0
SCK
SI
CS
X9420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com