Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDP7310 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDP7310
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP7310 Datasheet(HTML) 3 Page - STMicroelectronics

  STDP7310 Datasheet HTML 1Page - STMicroelectronics STDP7310 Datasheet HTML 2Page - STMicroelectronics STDP7310 Datasheet HTML 3Page - STMicroelectronics STDP7310 Datasheet HTML 4Page - STMicroelectronics STDP7310 Datasheet HTML 5Page - STMicroelectronics STDP7310 Datasheet HTML 6Page - STMicroelectronics STDP7310 Datasheet HTML 7Page - STMicroelectronics STDP7310 Datasheet HTML 8Page - STMicroelectronics STDP7310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
Introduction
Doc ID 18936 Rev 3
3/10
2
Introduction
The Athena SoCs greatly simplify the design for WQXGA monitors, 120 Hz FHD monitors,
and WUXGA multifunctional monitors with their unique integration of video inputs/outputs,
video processors, advanced video quality enhancement engines, DDR2 and DDR3
controllers, usability features such as PIP video window detection, and cost-effective
firmware update technology. In addition, the Athena ICs allow design of 4K x 2K monitors
using multiple devices.
Their rich feature sets, high level of integration, improved scaling and video processing, and
color management technologies (e.g. 6-axis color control and RGB uniformity
compensation) make STDP93x0, STDP9210, and STDP73x0 the ideal answers for high-
quality, integrated multimedia monitor solutions.
A new feature—Video Window Detection— automatically detects video content on selected
PC DVI, HDMI, or DP input and frames the content in a window to enable selective video
processing such as Adaptive Contrast Control 3 (ACC3) and Active Color Management-3D
(ACM-3D), enhancer, and sharpness. This enables viewers to enjoy watching Web-based
multimedia content with image enhancement applied inside the detected active video
window.
The new technology, EZ-Display UP, provides the ability to upgrade to the latest firmware
through the existing DisplayPort or HDMI interfaces on the monitor scaler. This new feature
enables faster and easier firmware upgrades than the traditional method—without the need
to open the monitor cabinet.
The Athena SoCs offer DisplayPort (DP) 1.2 interface for receiver and transmitter
applications. The integrated receiver and transmitter support an open industry “DisplayPort
Standard” AV interface introduced by VESA. This new interface standard offers high
bandwidth AV signal transmission over fewer lines for interconnects within multimedia
monitor applications. The DisplayPort standard includes an optional HDCP 1.3 content
protection scheme for secured audio-visual data transmission between sources and sink
devices.
Table 1.
Athena selection table
Part number
Application
DDR I/F
TTL
Input
Output
Package
STDP9320-BB
WQXGA with daisy chain
32-bit
Yes
Quad LVDS and DP 1.2 521-ball HSBGA
STDP9310-BB
WQXGA
32-bit
Yes
Quad LVDS or DP 1.2
521-ball LFBGA
STDP9210-BB
3D FHD 120 Hz
32-bit
Yes
Quad LVDS or DP 1.2
521-ball LFBGA
STDP7320-BB
WUXGA with daisy chain
16-bit
No
Dual LVDS and DP 1.2
361-ball LFBGA
STDP7310-BB
WUXGA
16-bit
No
Dual LVDS or DP 1.2
361-ball LFBGA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com