Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDP7310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDP7310
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP7310 Datasheet(HTML) 1 Page - STMicroelectronics

  STDP7310 Datasheet HTML 1Page - STMicroelectronics STDP7310 Datasheet HTML 2Page - STMicroelectronics STDP7310 Datasheet HTML 3Page - STMicroelectronics STDP7310 Datasheet HTML 4Page - STMicroelectronics STDP7310 Datasheet HTML 5Page - STMicroelectronics STDP7310 Datasheet HTML 6Page - STMicroelectronics STDP7310 Datasheet HTML 7Page - STMicroelectronics STDP7310 Datasheet HTML 8Page - STMicroelectronics STDP7310 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 18936 Rev 3
1/10
10
STDP9310, STDP9320, STDP9210,
STDP7320, STDP7310
Athena — Premium high resolution multimedia monitor controller
with 3D video
Data brief
Features
■ Single-chip WQXGA (2560 x 1600) monitor
scaler (STDP93x0)
■ Single-chip 3D FHD (1920 x 1080 120 Hz)
monitor scaler (STDP9210)
■ Single-chip WUXGA (1920 x 1200) monitor
scaler (STDP73x0)
■ Integrated DisplayPort® (DP) 1.2 compliant Rx
and Tx with support for eDP, multistream, and
3D video formats
■ Supports VESA Mobility DisplayPort (MyDP)
standard
■ Video processing supports full or partial
capture of 4096 x 2160 format scaled to 2560 x
2160 output format
■ Integrated HDMI 1.4 and dual-DVI receiver to
support 3D video
■ 10-bit triple ADCs (sampling rate up to 205 MHz)
– Integrated 2:1 MUX to receive VGA and
component input
■ High-speed dual LVDS Tx (STDP73x0) or
quad LVDS Tx (STDP93x0/STDP9210)
■ DDR2/DDR3 memory interface 32 bits wide
(STDP93x0/STDP9210) or 16 bits wide
(STDP73x0)
■ Supports daisy chaining of monitors of up to
four streams (STDP9320/STDP7320)
■ Video window detection for multimedia content
display
■ Panel backlight RGB uniformity compensation
■ Advanced Faroudja® video processing: MADi
and DCDi
■ 6-axis color control independent of ACC
■ Advanced bit-mapped OSD controller
■ 3D Frame Rate Conversion (FRC) and
advanced overdrive to support 3D video
■ 4K x 2K screen resolution support
■ Advanced PIP for all input sources
Applications
■ Multifunctional monitors including 3D monitor,
max input and output resolution up to WQXGA
(STDP93x0), FHD (STDP9210), and WUXGA
(STDP73x0)
MEMORY CONTROLLER
AMP
AUDIO OUT
I2S / SPDIF
GRAPHICS AFE
DDR2 / DDR3 x16 / x32
533 Mhz / 1066 Mbps
PERIPHERAL INTERFACEs
x186 OCMBus
LVDS
FLASH
ATHENA
VGA RGB
HP_OUT
SPK
LINE_IN_R
LINE_IN_L
COMP_HD
AUDIO IN
I2S / SPDIF
AUDIO DAC &
HPAMP
OSD
SPDIF_IN
SPDIF_OUT
External Audio
DSP
DVI-RX
HDMI
COMBO PHY1
COMBO PHY2
Combo In 2
Combo In 1
RGB-YUV
Source
VXI PORT
DP1.2 /
eDP /iDP
27 MHz
COMBO PHY0
Combo In 0
Combo Phy Inputs
5.4Gbps max
Displayport1.1a.
HDMI 1.3,1.4
DVI1.0
DualDVI
Power Detect Logic &
LPM Logic & OCM
Turbo186 OCM
IROM
SRAM
DISP
ENGINE
FS Bridge
DRAM CACHE
I2S_IN
I2S_OUT
DP RX1
RTC (LCD Overdrive)
DUAL-LUT
COLOR CORR
BL UNIFORMITY
COLOR WARP
KEY OTP
CLK/PLLS
DDC,HPD,HS/V
S
MEMORY CONTROLLER – CLIENT INTERFACE
DPRX0
AVSYNC
www.st.com


Similar Part No. - STDP7310

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2550-AD KINETIC-STDP2550-AD Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2550-ADT KINETIC-STDP2550-ADT Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2600-AD KINETIC-STDP2600-AD Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
More results

Similar Description - STDP7310

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
logo
NTE Electronics
NTE7137 NTE-NTE7137 Datasheet
33Kb / 5P
Integrated Circuit Advanced Monitor Video Controller
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
Advanced monitor video controller for OSD
1997 Nov 26
logo
STMicroelectronics
RIVA128ZX STMICROELECTRONICS-RIVA128ZX Datasheet
609Kb / 85P
128-BIT 3D MULTIMEDIA ACCELERATOR
Jun-1998
logo
NEC
2SA1544 NEC-2SA1544 Datasheet
121Kb / 2P
High-Resolution Monitor TV Applications
logo
List of Unclassifed Man...
VM901B ETC2-VM901B Datasheet
169Kb / 1P
High Resolution BW Monitor
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
High-Resolution Controller
August 2014 v1.2
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com