Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OrderableDevice Datasheet(PDF) 2 Page - Texas Instruments

Part # OrderableDevice
Description  TLV9051 / TLV9052 / TLV9054 5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 2 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
TLV9051, TLV9052, TLV9054
SBOS942F – AUGUST 2018 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TLV9051 TLV9052 TLV9054
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 5
7
Specifications....................................................... 12
7.1
Absolute Maximum Ratings .................................... 12
7.2
ESD Ratings............................................................ 12
7.3
Recommended Operating Conditions ..................... 12
7.4
Thermal Information for Single Channel ................. 12
7.5
Thermal Information for Dual Channel.................... 13
7.6
Thermal Information for Quad Channel .................. 13
7.7
Electrical Characteristics: VS (Total Supply Voltage) =
(V+) – (V–) = 1.8 V to 5.5 V ..................................... 14
7.8
Typical Characteristics ............................................ 16
8
Detailed Description ............................................ 23
8.1
Overview ................................................................. 23
8.2
Functional Block Diagram ....................................... 23
8.3
Feature Description................................................. 24
8.4
Device Functional Modes........................................ 26
9
Application and Implementation ........................ 27
9.1
Application Information............................................ 27
9.2
Typical Low-Side Current Sense Application.......... 27
10
Power Supply Recommendations ..................... 29
11
Layout................................................................... 30
11.1
Layout Guidelines ................................................. 30
11.2
Layout Example .................................................... 31
12
Device and Documentation Support ................. 32
12.1
Documentation Support ........................................ 32
12.2
Related Links ........................................................ 32
12.3
Receiving Notification of Documentation Updates 32
12.4
Community Resources.......................................... 32
12.5
Trademarks ........................................................... 32
12.6
Electrostatic Discharge Caution ............................ 32
12.7
Glossary ................................................................ 33
13
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (May 2019) to Revision F
Page
•
Deleted package preview notation for TLV9052S devices in Device Information.................................................................. 1
•
Deleted package preview notation for TLV9052S devices under Device Comparison Table ................................................ 4
•
Deleted preview notation for TLV9052S devices in Device Comparison Table .................................................................... 4
•
Deleted package preview notation for TLV9052S in Pin Configuration and Functions section ............................................. 8
•
Deleted package preview notation for TLV9052S under Thermal Information for Dual Channel ........................................ 13
Changes from Revision D (April 2019) to Revision E
Page
•
Added DDF (SOT-23) information to Thermal Information for Dual Channel table ............................................................. 13
Changes from Revision C (April 2019) to Revision D
Page
•
Deleted preview notations for TLV9054/S devices in Device Information ............................................................................. 1
•
Deleted preview notations for TLV9054 devices in Device Comparison Table...................................................................... 4
•
Deleted preview notations for TLV9054S device in Device Comparison Table ..................................................................... 4
•
Deleted preview notations for TLV9054 packages in Pin Configurations and Functions section .......................................... 9
•
Deleted preview notation for TLV9054S RTE package in Pin Configurations and Functions section ................................. 11
•
Deleted preview notation for TLV9054/S packages in Thermal Information for Quad Channel .......................................... 13
Changes from Revision B (March 2019) to Revision C
Page
•
Added TLV9051 thermal information for DPW, DBV, and DCK packages .......................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com