Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR735F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR735F
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735F Datasheet(HTML) 4 Page - STMicroelectronics

  STR735F Datasheet HTML 1Page - STMicroelectronics STR735F Datasheet HTML 2Page - STMicroelectronics STR735F Datasheet HTML 3Page - STMicroelectronics STR735F Datasheet HTML 4Page - STMicroelectronics STR735F Datasheet HTML 5Page - STMicroelectronics STR735F Datasheet HTML 6Page - STMicroelectronics STR735F Datasheet HTML 7Page - STMicroelectronics STR735F Datasheet HTML 8Page - STMicroelectronics STR735F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
STR73xF Data Brief
4/22
Low Voltage Detectors
The voltage regulator and Flash modules each have an embedded LVD that monitors the
internal 1.8V supply. If the voltage drops below a certain threshold, the LVD will reset the
STR73xF.
Note: An external power-on reset must be provided ensure the microcontroller starts-up
correctly.
On-Chip Peripherals
CAN Interfaces
The three CAN modules are compliant with the CAN specification V2.0 part B (active). The bit
rate can be programmed up to 1 MBaud. These are not available in the STR735 and STR736.
DMA
4 DMA controllers, each with 4 data streams manage memory to memory, peripheral to
memory and memory to peripheral transfers. The DMA requests are connected to TIM timers,
BSPI0, BSPI1, BSPI2 and ADC. One of the streams can be configured to be triggered by a
software request, independently from any peripheral activity.
16-bit Timers (TIM)
Each of the ten timers (six in 100-pin devices) have a 16-bit free-running counter with 7-bit
prescaler, up to two input capture/output compare functions, a pulse counter function, and a
PWM channel with selectable frequency. This provides a total of 16 independent PWMs (12 in
100-pin devices) when added with the PWM modules (see next paragraph).
PWM Modules (PWM)
The six 16-bit PWM modules have independently programmable periods and duty-cycles,
with 5+3 bit prescaler factor.
Timebase Timers (TB)
The three 16-bit Timebase Timers with 8-bit prescaler for general purpose time triggering
operations.
Realtime Clock (RTC)
The RTC provides a set of continuously running counters driven by separate clock signal
derived from the main oscillator. The RTC can be used as a general timebase or clock/
calendar/alarm function. When the STR73xF is in LPWFI mode the RTC keeps running,
powered by the low power voltage regulator.
UARTs
The 4 UARTs allow full duplex, asynchronous, communications with external devices with
independently programmable TX and RX baud rates up to 625K baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com