Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR735F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR735F
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR735F Datasheet HTML 13Page - STMicroelectronics STR735F Datasheet HTML 14Page - STMicroelectronics STR735F Datasheet HTML 15Page - STMicroelectronics STR735F Datasheet HTML 16Page - STMicroelectronics STR735F Datasheet HTML 17Page - STMicroelectronics STR735F Datasheet HTML 18Page - STMicroelectronics STR735F Datasheet HTML 19Page - STMicroelectronics STR735F Datasheet HTML 20Page - STMicroelectronics STR735F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
STR73xF Data Brief
17/22
104 E9
74
P4.10/ICAPA6/
ICAPB5
I/O
TT
WUP20 2mA X
X
Port
4.10
TIM6: Input
Capture A input
(144-pin pkg only)
TIM5: Input
Capture B input
(TQFP100 only)
105 D12
P4.11/OCMPB8 I/O
TT
2mA X
X
Port
4.11
TIM8: Output Compare B output
106 D11
P4.12/ICAPA9
I/O
TT
WUP21 2mA X
X
Port
4.12
TIM9: Input Capture A input
107 D10
P4.13/ICAPB9
I/O
TT
2mA X
X
Port
4.13
TIM9: Input Capture B input
108 C11 75
P4.14/SS1I/O
TT
2mA X
X
Port
4.14
BSPI1: Slave Select
109 B11 76
P4.15/SCK1
I/O
TT
WUP22 2mA X
X
Port
4.15
BSPI1: Serial Clock
110 B10 77
P5.0/MOSI1
I/O
TT
2mA X
X
Port 5.0 BSPI1: Master Output/Slave input
111 C10 78
P5.1/MISO1
I/O
TT
2mA X
X
Port 5.1 BSPI1: Master input/Slave output
112 A9
P5.2/OCMPA9
I/O
TT
2mA X
X
Port 5.2 TIM9: Output Compare A output
113 B9
P5.3/OCMPB9
I/O
TT
2mA X
X
Port 5.3 TIM9: Output Compare B output
114 C9
79
P5.4/SS2/
PWM3
I/O
TT
2mA X
X
Port 5.4
BSPI2: Slave
Select
PWM3: PWM
output
(TQFP100 only)
115 D9
80
P5.5/SCK2
I/O
TT
WUP23 2mA X
X
Port 5.5 BSPI2: Serial Clock
116 A11 81
P5.6/MOSI2
I/O
TT
2mA X
X
Port 5.6 BSPI2: Master Output/Slave input
117 A10 82
P5.7/MISO2
I/O
TT
2mA X
X
Port 5.7 BSPI2: Master input/Slave output
118 A8
83
P5.8/PWM4
I/O
TT
INT6
2mA X
X
Port 5.8 PWM4: PWM output (TQFP100 only)
119 B8
84
P5.9/PWM5
I/O
TT
INT7
2mA X
X
Port 5.9 PWM5: PWM output (TQFP100 only)
120 C8
85
P5.10/RDI2
I/O
TT
INT8
2mA X
X
Port
5.10
UART2: Receive Data input
121 A12 86
P5.11/TDO2
I/O
TT
INT9
2mA X
X
Port
5.11
UART2: Transmit Data output
122 D8
87
P5.12
I/O
TT
INT10 2mA X
X
Port
5.12
123 E8
P5.13
I/O
TT
INT11 2mA X
X
Port
5.13
124 B7
P5.14
I/O
TT
INT12 2mA X
X
Port
5.14
125 A7
P5.15
I/O
TT
INT13 2mA X
X
Port
5.15
126 A6
88
V18
S
Supply voltage for core provided by
internal voltage regulator
127 C7
89
VSS
S
Ground for digital I/O (5V)
128 D7
90
VDD
S
Supply voltage for digital I/O (5V)
Table 3. STR73xF Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com