Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7697DN Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 28Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 25 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Hardware Function
DMA Type
Radio (Wi-Fi)
Half size DMA x 1
UART (x2)
Virtual FIFO DMA x 4
I2S
Virtual FIFO DMA x 2
ADC
Virtual FIFO DMA x 1
I2C (x2)
Half size DMA x 4
SPI-M
Half size DMA x 2
Secure boot
Full size DMA x 1
Reserved
Full size DMA x 1, half size DMA x 3 and virtual FIFO DMA x 4.
The DMA provides two levels of scheduling scheme among all channels.
The 1st level scheduling follows the strict-priority scheme. All channels can be grouped into four
priority groups. Group one gets the highest priority, then group two, and so on.
The 2nd level scheduling follows the round-robin scheme. Every channel in the same priority group
has equal opportunity to use the bandwidth and was served sequentially.
The arbitration is done per AHB transaction. When one AHB transaction is finished, the scheduler will
follow the above mechanism to select the next DMA channel to serve.
2.4.6
General Purpose Timer
MT7697D includes the General Purpose Timer (GPT).
Five independent timers are included. Timer 0, 1, and 3 are interrupt-based timers, while timer 2 and
timer 4 are free-run timers.
Two modes are defined in interrupt-based timers:
One-shot mode—the timer stops when the timer counts down to 0.
Auto-repeat mode—the timer re-starts when the timer counts down to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com