Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7697DN Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 20Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 21Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 22Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 23Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 24Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 25Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 26Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 27Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 24 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.4.5.1.1
Virtual FIFO
Virtual FIFO DMA is designed to offload the control of the serial interface. The difference between
the virtual FIFO DMA and the full-size/half-size DMA is that the virtual DMA contains an additional
FIFO controller.
The figure below illustrates the operations of virtual FIFO DMA used for UART RX.
READ: DMA controller reads data from UART and increments the WRITE pointer of the FIFO
controller.
WRITE; DMA controller writes data that was area from UART to SRAM in the area defined
before enabling the virtual FIFO.
READ: MCU reads data when FIFO is not empty and the amount of data is over a pre-defined
threshold. The read transaction will be finished only when DMA controller reads back the
data from SRAM.
READ: DMA controller reads data from SRAM and increments the READ pointer of the FIFO
controller.
Figure 2-7. Virtual FIFO Concept
2.4.5.2
DMA Channels and Priority Control
There are two full-size DMA channels, 10 half- size DMA channels, and 13 virtual FIFO DMA channels
in MT7697D.
Table 2-11. DMA Use for Hardware Functions
Hardware Function
DMA Type
Radio (Bluetooth)
Virtual FIFO DMA x 2
DMA
UART
SRAM
MCU
(1) READ
(2) WRITE
(3) READ
(4) READ
memory
FIFO size
Destination Address
READ pointer
(MCU)
WRITE pointer
(UART RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com