Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3552 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3552
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3552 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3552 Datasheet HTML 7Page - National Semiconductor (TI) LM3552 Datasheet HTML 8Page - National Semiconductor (TI) LM3552 Datasheet HTML 9Page - National Semiconductor (TI) LM3552 Datasheet HTML 10Page - National Semiconductor (TI) LM3552 Datasheet HTML 11Page - National Semiconductor (TI) LM3552 Datasheet HTML 12Page - National Semiconductor (TI) LM3552 Datasheet HTML 13Page - National Semiconductor (TI) LM3552 Datasheet HTML 14Page - National Semiconductor (TI) LM3552 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
tance loss due to capacitor voltage coefficient. See the
capacitor manufacturer’s datasheet for DC bias perfor-
mance.
COMPENSATION
DC Gain and Open-Loop Gain
Since the control stage of the converter forms a complete
feedback loop with the power components, it forms a closed-
loop system that must be stabilized to avoid positive feed-
back and instability. A value for open-loop DC gain will be
required, from which you can calculate, or place, poles and
zeros to determine the crossover frequency and the phase
margin. A high phase margin (greater than 45˚) is desired for
the best stability and transient response. For the purpose of
stabilizing the LM3551/2, choosing a crossover point well
below where the right half plane zero is located will ensure
sufficient phase margin.
To ensure a bandwidth of 1⁄2 or less of the frequency of the
RHP zero, calculate the open-loop DC gain, A
DC. After this
value is known, you can calculate the crossover visually by
placing a −20dB/decade slope at each pole, and a +20dB/
decade slope for each zero. The point at which the gain plot
crosses unity gain, or 0dB, is the crossover frequency. If the
crossover frequency is less than 1⁄2 the RHP zero, the phase
margin should be high enough for stability. The equation for
A
DC is given below with additional equations required for the
calculation:
mc ) 0.072 x fs (in V/s)
where R
L is the minimum load resistance, fs is the switching
frequency, V
IN is the minimum input voltage, gm is the error
amplifier transconductance and R
DSON-S is the power switch
on-resistance. The value for g
m and RDSON-S are found in
the Electrical Characteristics table.
Right Half Plane Zero
A current mode control boost regulator has an inherent right
half plane zero (RHP zero). This zero has the effect of a zero
in the gain plot, causing an imposed +20dB/decade on the
rolloff, but has the effect of a pole in the phase, subtracting
another 90˚ in the phase plot. This can cause undesirable
effects if the control loop is influenced by this zero. To ensure
the RHP zero does not cause instability issues, the control
loop should be designed to have a bandwidth of less than 1⁄2
the frequency of the RHP zero. This zero occurs at a fre-
quency of:
where I
LOAD is the maximum load current.
Compensation Components
The LM3551 and LM3552 provide a compensation pin (V
C)
to customize the voltage loop feedback. It is recommended
that a series combination of R
C and CC be used for the
compensation network, as shown in the typical application
circuit. For any given application, there exists a unique com-
bination of R
C and CC that will optimize the performance of
the LM3551/2 circuit in terms of its transient response. The
series combination of R
C and CC introduces a pole-zero pair.
The frequency of the pole created is determined by the
equation:
where R
O is the output impedance of the error amplifier,
approximately 900k
Ω. Since R
C is generally much less than
R
O, it has little effect on the above equation and can be
neglected until a value is chosen to set the zero f
ZC.fZC is
created to cancel the pole created by the output capacitor,
f
P1. The output capacitor pole will shift with different load
currents as shown by the equation, so setting the zero is not
exact. Determine the range of f
P1 over the expected loads
and then set the zero f
ZC to a point approximately in the
middle. The frequency of this zero is determined by:
Now R
C can be chosen with the selected value for CC.
Check to make sure that the pole f
PC is still in the 10Hz to
500Hz range, and change each value slightly if needed to
ensure both component values are in the recommended
range. For both typical applications circuits shown on the
front page, the Recommended value for C
C is 4.7nF and
R
C = 10k
Ω for Lumiled applications. 10nF and 27kΩ are
recommended for Sharp applications.
RECOMMENDED MINIMUM COMPONENT
SPECIFICATIONS
Component
Value
Ratings
L1
4.7µH
2.0A 30% I
SAT
Rating
C
IN
4.7µF (Sharp)
10V X5R or
X7R
10µF (Lumiled)
C
OUT
4.7µF (Sharp)
16V X5R or
X7R
10uF (Lumiled)
C
FTO
User
Determined
6.3V X5R or
X7R
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com