Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3552 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3552
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3552 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3552 Datasheet HTML 1Page - National Semiconductor (TI) LM3552 Datasheet HTML 2Page - National Semiconductor (TI) LM3552 Datasheet HTML 3Page - National Semiconductor (TI) LM3552 Datasheet HTML 4Page - National Semiconductor (TI) LM3552 Datasheet HTML 5Page - National Semiconductor (TI) LM3552 Datasheet HTML 6Page - National Semiconductor (TI) LM3552 Datasheet HTML 7Page - National Semiconductor (TI) LM3552 Datasheet HTML 8Page - National Semiconductor (TI) LM3552 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3551/LM3552
1A White LED Driver with Flash Timeout Protection
General Description
The LM3551 and LM3552 are fixed frequency, current mode
step-up DC/DC converters with two integrated NFETs that
can be used for precision LED brightness control. The de-
vices are capable of driving loads up to 1A from a single-cell
Li-Ion battery.
The LM3551 and LM3552 can drive one or more high current
flash LEDs either in a high power Flash mode or a lower
power Torch mode using the TORCH/FLASH pin. A program-
mable Timeout function on the FTO pin forces the internal
NFETs to turn off after a certain user defined time. An
external SD pin (LM3551) or EN pin (LM3552) is available to
put the device into low power shutdown mode. During shut-
down, the feedback resistors and the load are disconnected
from the input to avoid leakage current paths to ground.
User programmable soft-start circuitry has been integrated
to eliminate large inrush currents at start-up. Over-voltage
protection circuitry and a 1.25MHz switching frequency allow
for the use of small, low-cost output capacitors with lower
voltage ratings.
The LM3551 and LM3552 are available in a low profile 14 pin
LLP package.
Features
n
Up to 1A total drive current
n
Flash timeout protection
n
Independent Torch/Flash/Shutdown modes
n
LED disconnect in shutdown
n
Programmable soft-start limits inrush current
n
Over-voltage protection
n
Wide voltage range 2.7 to 5.5V
n
1.25MHz constant switching frequency
n
Small, low profile package, non-pullback LLP14 (4mm x
4mm)
Applications
n
White LED Camera Flash
n
White LED Torch (Flashlight)
n
DSC (Digital Still Camera) Flash
n
Cellular Camera Phone Flash
n
PDA Camera Flash
n
Camcorder Torch (Flashlight) lamp
Typical Application Circuits
20151205
August 2005
© 2005 National Semiconductor Corporation
DS201512
www.national.com


Similar Part No. - LM3552

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3552 NSC-LM3552 Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3552 TI1-LM3552 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
LM3552 TI1-LM3552 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3552SD NSC-LM3552SD Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3552SD/NOPB TI1-LM3552SD/NOPB Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3552

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
logo
Texas Instruments
LM3551 TI1-LM3551_14 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
1A White LED Driver with Flash Timeout Protection
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com