Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3552SD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3552SD
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3552SD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3552SD Datasheet HTML 7Page - National Semiconductor (TI) LM3552SD Datasheet HTML 8Page - National Semiconductor (TI) LM3552SD Datasheet HTML 9Page - National Semiconductor (TI) LM3552SD Datasheet HTML 10Page - National Semiconductor (TI) LM3552SD Datasheet HTML 11Page - National Semiconductor (TI) LM3552SD Datasheet HTML 12Page - National Semiconductor (TI) LM3552SD Datasheet HTML 13Page - National Semiconductor (TI) LM3552SD Datasheet HTML 14Page - National Semiconductor (TI) LM3552SD Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
Component
Value
Ratings
C
C
4.7nF
(Lumiled)
6.3V X5R or
X7R
10nF
(Sharp)
R
C
10k
(Lumiled)
27k
(Sharp)
R
FLASH
User
Determined
Application
Specific
R
TORCH
User
Determined
Application
Specific
C
SS
User
Determined
6.3V X5R or
X7R
Torch and Flash Resistor ratings are dependent upon the
current through each resistor. The minimum ratings will vary
depending upon the current selected on an applicaiton by
application basis. Power Rating Minimum = (Desired Cur-
rent)
2 x Resistor Value. See the CURRENT SET EQUA-
TIONS section to determine torch and flash currents.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM3551/2
when the junction temperature exceeds +140˚C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below +120˚C
(typ.). It is important that the board layout provide good
thermal conduction to keep the junction temperature within
the specified operating ratings.
PCB LAYOUT CONSIDERATIONS
The LLP is a leadframe based Chip Scale Package (CSP)
with very good thermal properties. This package has an
exposed DAP (die attach pad) at the center of the package
measuring 2.6mm x 3.0mm. The main advantage of this
exposed DAP is to offer lower thermal resistance when it is
soldered to the thermal land pad on the PCB. For PCB
layout, National highly recommends a 1:1 ratio between the
package and the PCB thermal land. To further enhance
thermal conductivity, the PCB thermal land may include vias
to a ground plane. For more detailed instructions on mount-
ing LLP packages, please refer to National Semiconductor
Application Note AN-1187.
Application Examples
TYPICAL CONFIGURATIONS
20151215
LUMILED LXCL-PWF1
R
T = 5.6
Ω,R
F = 2.2
I
TORCH = 200mA, IFLASH = 700mA
20151216
SHARP GM5BW05340A
R
T =17
Ω,R
F = 6.5
I
TORCH = 75mA, IFLASH = 250mA
Note 18: Please refer to the RECOMMENDED MINIMUM COMPONENT
section of the datasheet for more information.
DUAL-MODE CONFIGURATION
20151209
R
1 = 29.5k
Ω,R
2 = 10k
Ω R
F =3
I
FLASH = 500mA
Using the Dual-Mode configuration with either the LM3551/2,
a 5V, high current rail (approx. 700mA total) can be created
while still allowing for a high flash with a true load discon-
nect. R1 and R2 setup the +5V following the equation: V
OUT
= 1.265 x (1 + R1/R2) . When the LM3551/2 is on, and the
T/F pin is low (logic ’0’), the part will provide a regulated
output voltage that can be used to provide a voltage rail
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com