Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3552SD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3552SD
Description  1A White LED Driver with Flash Timeout Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3552SD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3552SD Datasheet HTML 1Page - National Semiconductor (TI) LM3552SD Datasheet HTML 2Page - National Semiconductor (TI) LM3552SD Datasheet HTML 3Page - National Semiconductor (TI) LM3552SD Datasheet HTML 4Page - National Semiconductor (TI) LM3552SD Datasheet HTML 5Page - National Semiconductor (TI) LM3552SD Datasheet HTML 6Page - National Semiconductor (TI) LM3552SD Datasheet HTML 7Page - National Semiconductor (TI) LM3552SD Datasheet HTML 8Page - National Semiconductor (TI) LM3552SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
14 Pin Dual LLP Package
20151202
NS Package Number SDA14B
Pin Descriptions
Pin
Name
Function
9V
IN
Input Voltage. Input range: 2.7V to 5.5V.
13
T/F
TORCH/FLASH Pin. Low = Torch Mode, High = Flash Mode
8
SW
Switch Pin
10
OVP
Over Voltage Protection Pin
3V
C
Compensation network connection. Connected to the output of the voltage error amplifier.
5
SD(LM3551)
EN(LM3552)
Shutdown pin logic input. High = Shutdown, Low = Enabled
Enable pin logic input. High = Enabled, Low = Shutdown
12
FTO
Flash Timeout. External capacitor determines max. duration allowed flash pulse
11
SS
Soft Start Pin
4
FB
Feedback Pin
14
FET-T
Torch FET Drain
2
FET-F
Flash FET Drain
1,7,DAP
GND
Ground
6
AGND
Analog Ground. Connect the ground of the compensation components, C
FTO and soft start
cap to AGND. AGND must be connected to the GND pin through a low impedance
connection.
Ordering Information
Order Number
SD / EN
Package Marking
Supplied As
LM3551SD
SD
L3551SD
250 units, Tape-and-Reel
LM3551SDX
SD
L3551SD
3000 units, Tape-and-Reel
LM3552SD
EN
L3552SD
250 units, Tape-and-Reel
LM3552SDX
EN
L3552SD
3000 units, Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com