Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP5322 Datasheet(PDF) 14 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  Mobile power SOC with integrated input and output fast charge function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 14 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
IP5322
V1.02
Email: service@injoinic.com
14 / 23
Copyright © 2015, Injoinic Corp.
1 灯模式 1 的显示方式为:
充电时:以 2.0s(1.0s 亮,1.0s 灭)闪烁,充满时,常亮。
放电时:常亮,当电压低于 3.2v 时 1.0Hz 闪烁(0.5s 亮,0.5s 灭),电压低于 3.0v 时关机。
RSET(电池内阻设定)
IP5322 可以通过 RSET 引脚设定电池内阻参数,同时改变充放电的转灯阈值电压,从而调节 LED 电
量显示的均匀特性。RSET 电阻大小和设定的电池内阻如下表所示。(边充边放定制规格无此功能,内阻固
定为 50 毫欧)
RSET 端电阻 Kohm
对应电池设定内阻(mOhm)
>179
93.75
169~179
87.5
159~169
81.25
149~159
75
139~149
68.75
129~139
62.5
119~129
56.25
109~119
50
99~109
43.75
89~99
37.5
79~89
31.25
69~79
25
59~69
18.75
49~59
12.5
39~49
6.25
0~39
0
VSET(电池类型设定)
IP5322 可以通过 VSET 引脚设定电池类型,从而改变电量显示阈值、给电池充电的恒压电压以及保护
电压。VSET 电阻大小和设定的电池类型如下表所示。
VSET 端电阻 Kohm
对应电池类型
NC
4.2V
120
4.35V
68
4.4V
10
4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com