Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ607 Datasheet(PDF) 2 Page - NEC

Part # 2SJ607
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ607 Datasheet(HTML) 2 Page - NEC

  2SJ607 Datasheet HTML 1Page - NEC 2SJ607 Datasheet HTML 2Page - NEC 2SJ607 Datasheet HTML 3Page - NEC 2SJ607 Datasheet HTML 4Page - NEC 2SJ607 Datasheet HTML 5Page - NEC 2SJ607 Datasheet HTML 6Page - NEC 2SJ607 Datasheet HTML 7Page - NEC 2SJ607 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14655EJ3V0DS
2
2SJ607
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
−60 V, VGS = 0 V
−10
µA
Gate Leakage Current
IGSS
VGS =
m 20 V, VDS = 0 V
m 10
µA
Gate Cut-off Voltage
VGS(off)
VDS =
−10 V, ID = −1 mA
−1.5
−2.0
−2.5
V
Forward Transfer Admittance
| yfs |VDS =
−10 V, ID = −42 A
45
90
S
Drain to Source On-state Resistance
RDS(on)1
VGS =
−10 V, ID = −42 A
9.1
11
m
Ω
RDS(on)2
VGS =
−4.0 V, ID = −42 A
11
16
m
Ω
Input Capacitance
Ciss
VDS =
−10 V
7500
pF
Output Capacitance
Coss
VGS = 0 V
1800
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
430
pF
Turn-on Delay Time
td(on)
VDD =
−30 V, ID = −42 A
23
ns
Rise Time
tr
VGS =
−10 V
16
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
340
ns
Fall Time
tf
160
ns
Total Gate Charge
QG
VDD=
−48 V
188
nC
Gate to Source Charge
QGS
VGS =
−10 V
30
nC
Gate to Drain Charge
QGD
ID =
−83 A
48
nC
Body Diode Forward Voltage
VF(S-D)
IF = 83 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 83 A, VGS = 0 V
64
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
150
nC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
PG.
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS (
−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS (
−)
10%
90%
10%
0
VDS (
−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
−
VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com