Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25C320XTE/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 25C320XTE/ST
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C320XTE/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25C320XTE/ST Datasheet HTML 9Page - Microchip Technology 25C320XTE/ST Datasheet HTML 10Page - Microchip Technology 25C320XTE/ST Datasheet HTML 11Page - Microchip Technology 25C320XTE/ST Datasheet HTML 12Page - Microchip Technology 25C320XTE/ST Datasheet HTML 13Page - Microchip Technology 25C320XTE/ST Datasheet HTML 14Page - Microchip Technology 25C320XTE/ST Datasheet HTML 15Page - Microchip Technology 25C320XTE/ST Datasheet HTML 16Page - Microchip Technology 25C320XTE/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2004 Microchip Technology Inc.
DS21227E-page 13
25AA320/25LC320/25C320
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
14-Lead TSSOP
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
XXXXXXXX
NNN
25LC320
/PNNN
YYWW
25LC320
I/SNYYWW
NNN
25L32
YYWW
NNN
8-Lead TSSOP
Example:
XXXX
XYWW
NNN
5LBX
IYWW
NNN
YYWW
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, and traceability code. For
device markings beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com