Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25C320XTE/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # 25C320XTE/ST
Description  32K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25C320XTE/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25C320XTE/ST Datasheet HTML 4Page - Microchip Technology 25C320XTE/ST Datasheet HTML 5Page - Microchip Technology 25C320XTE/ST Datasheet HTML 6Page - Microchip Technology 25C320XTE/ST Datasheet HTML 7Page - Microchip Technology 25C320XTE/ST Datasheet HTML 8Page - Microchip Technology 25C320XTE/ST Datasheet HTML 9Page - Microchip Technology 25C320XTE/ST Datasheet HTML 10Page - Microchip Technology 25C320XTE/ST Datasheet HTML 11Page - Microchip Technology 25C320XTE/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
25AA320/25LC320/25C320
DS21227E-page 8
 2004 Microchip Technology Inc.
FIGURE 3-1:
READ SEQUENCE
FIGURE 3-2:
BYTE WRITE SEQUENCE
FIGURE 3-3:
PAGE WRITE SEQUENCE
SO
SI
SCK
CS
0
23456
789 10 11
21 22 23 24 25 26 27 28 29 30 31
1
01
0
0
0
0
01
15 14 13 12
210
76543210
instruction
16-bit address
data out
High-impedance
SO
SI
CS
9 1011
2122 23242526 272829 30 31
00
0
0
0
0
01
15 14 13 12
21
0
7
654
321
0
instruction
16-bit address
data byte
High-impedance
SCK
0
2
34
567
18
Twc
SI
CS
9 1011
21 222324 2526 2728 29 30 31
00
0
0
0
0
01
15 14 13 12
210
765
43
2
1
0
instruction
16-bit address
data byte 1
SCK
0
2345
67
18
SI
CS
41 42 43
46 47
7
65432
10
data byte n (32 max)
SCK
32
34 35 36 37 38 39
33
40
7
6543
210
data byte 3
7
6543
210
data byte 2
44 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com