Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MTKB Datasheet(PDF) 8 Page - International Rectifier

Part # 104MTKB
Description  THREE PHASE AC SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

104MTKB Datasheet(HTML) 8 Page - International Rectifier

Back Button 104MTKB Datasheet HTML 2Page - International Rectifier 104MTKB Datasheet HTML 3Page - International Rectifier 104MTKB Datasheet HTML 4Page - International Rectifier 104MTKB Datasheet HTML 5Page - International Rectifier 104MTKB Datasheet HTML 6Page - International Rectifier 104MTKB Datasheet HTML 7Page - International Rectifier 104MTKB Datasheet HTML 8Page - International Rectifier 104MTKB Datasheet HTML 9Page - International Rectifier 104MTKB Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
54-94-104MT..KB Series
7
Bulletin I27504 08/97
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristic
1
10
100
1000
01
23
4
5
T = 25°C
J
Instantaneous On-state Voltage (V)
94MT..KB Series
Per Junction
T = 125°C
J
350
400
450
500
550
600
650
700
750
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
94MT..KB Series
Per Junction
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
300
400
500
600
700
800
900
1000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
94MT..KB Series
Per Junction
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
50
60
70
80
90
100
110
120
130
0
2040
6080
100
120
94MT..KB Series
Device Fully Turned-on
RMS Output Current (A)
Per Single AC Switch
For all Conduction Angles
0
255075
100
125
Maximum Allowable Ambient Temperature (°C)
0.1
5
K
/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
1.5 K/W
0
50
100
150
200
250
300
350
400
450
0
10 2030405060708090 100
180°
120°
90°
60°
30°
Conduction Angle
RMS Output Current (A)
94MT..KB Series
T = 125°C
Device Fully
Turned-on
J



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com