Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104MTKB Datasheet(PDF) 7 Page - International Rectifier

Part # 104MTKB
Description  THREE PHASE AC SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

104MTKB Datasheet(HTML) 7 Page - International Rectifier

Back Button 104MTKB Datasheet HTML 2Page - International Rectifier 104MTKB Datasheet HTML 3Page - International Rectifier 104MTKB Datasheet HTML 4Page - International Rectifier 104MTKB Datasheet HTML 5Page - International Rectifier 104MTKB Datasheet HTML 6Page - International Rectifier 104MTKB Datasheet HTML 7Page - International Rectifier 104MTKB Datasheet HTML 8Page - International Rectifier 104MTKB Datasheet HTML 9Page - International Rectifier 104MTKB Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
54-94-104MT..KB Series
6
Bulletin I27504 08/97
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Ratings Characteristic
60
70
80
90
100
110
120
130
0
10
2030405060
RMS Output Current (A)
54MT..KB Series
Device Fully Turned-on
Per Single AC Switch
For all Conduction Angles
1
10
100
1000
012
3456
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
54MT..KB Series
Per Junction
0
25
50
75
100
125
MaximumAllowable Ambient Temperature (°C)
0.2
K
/W
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
2 K/W
0
50
100
150
200
250
300
350
0
1020304050
60
180°
120°
90°
60°
30°
Conduction Angle
RMS Output Current (A)
54MT..KB Series
T = 125°C
Device Fully
Turned-on
J
150
175
200
225
250
275
300
325
350
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
54MT..KB Series
Per Junction
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
54MT..KB Series
Per Junction
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com