Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1817SWX7F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM1817SWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1817SWX7F Datasheet(HTML) 4 Page - STMicroelectronics

  STM1817SWX7F Datasheet HTML 1Page - STMicroelectronics STM1817SWX7F Datasheet HTML 2Page - STMicroelectronics STM1817SWX7F Datasheet HTML 3Page - STMicroelectronics STM1817SWX7F Datasheet HTML 4Page - STMicroelectronics STM1817SWX7F Datasheet HTML 5Page - STMicroelectronics STM1817SWX7F Datasheet HTML 6Page - STMicroelectronics STM1817SWX7F Datasheet HTML 7Page - STMicroelectronics STM1817SWX7F Datasheet HTML 8Page - STMicroelectronics STM1817SWX7F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
4/20
SUMMARY DESCRIPTION
STM181x devices are low power reset devices
used to monitor power supplies for microcontrol-
lers. They perform a single function: asserting a
reset signal whenever VCC supply voltage drops
below a preset value and keeping it asserted until
VCC has risen above the preset threshold for a
minimum period of time (trec). They provide excel-
lent circuit reliability without additional external
components
when
used
with
+3.0V/+3.3V
(STM1815–STM1818),
and
+5V
(STM1810–
STM1813) power supply systems.
A precision voltage reference and comparator
monitors the VCC input for an out-of-tolerance con-
dition. When an invalid VCC condition occurs, the
reset output (RST) is forced low (or high in the
case of RST) and remains asserted for trec after
VCC rises above the reset threshold. The
STM1813/1818 also keep reset asserted for trec
after the output is momentarily pulled to ground by
an external push-button switch.
The STM1812 and STM1817 have an active-high,
push-pull output. The STM1810 and STM1815
(push-pull) and STM1811, STM1813, STM1816,
and STM1818 (open drain) have an active-low
RST output. The open drain devices (STM1811/
STM1813/STM1816/STM1818) also have an in-
ternal pull-up resistor to VCC. The STM1813 and
STM1818 feature a debounced manual reset fea-
ture that asserts a reset if the RST pin is pulled low
for more than 1.5µs. When used to initiate manual
reset, RST debounces signals from devices such
as mechanical switches. For devices with this fea-
ture, the release of the external switch triggers the
reset period.
The STM181x devices are guaranteed to output
the correct logic state for VCC down to 1.0V (0°C
to +105°C). They also provide a reset comparator
designed to ignore fast transients on VCC.
Reset thresholds are available between +2.55V
and +4.62V These small, low power devices are
ideal for use in portable equipment. All are avail-
able in the space-saving 3-pin SOT23 package,
and are specified from –40°C to +105°C. Figure
4., page 5 shows a typical hardware hookup for
STM181x devices to a Microcontroller.
Figure 2. Logic Diagram
Note: 1. For STM1812, STM1817
Table 2. Signal Names
Note: 1. For STM1812, STM1817
Figure 3. SOT23-3 Connections
Note: RST for STM1812 and STM1817
AI09648
VCC
STM181x
VSS
RST (RST)
(1)
VSS
Ground
RST
Active-low Reset Output
RST(1)
Active-high Reset Output
VCC
Supply Voltage and Input for Reset
Threshold Monitor
AI09649
2
3
1
RST (RST)
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com