Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1817SWX7F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM1817SWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1817SWX7F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM1817SWX7F Datasheet HTML 3Page - STMicroelectronics STM1817SWX7F Datasheet HTML 4Page - STMicroelectronics STM1817SWX7F Datasheet HTML 5Page - STMicroelectronics STM1817SWX7F Datasheet HTML 6Page - STMicroelectronics STM1817SWX7F Datasheet HTML 7Page - STMicroelectronics STM1817SWX7F Datasheet HTML 8Page - STMicroelectronics STM1817SWX7F Datasheet HTML 9Page - STMicroelectronics STM1817SWX7F Datasheet HTML 10Page - STMicroelectronics STM1817SWX7F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
STM1810/1811/1812/1813/1815/1816/1817/1818
OPERATION
Reset Output
The STM181x asserts a reset signal to the Micro-
controller (MCU) whenever VCC goes below the
reset threshold (VRST), and is guaranteed valid
down to VCC = 1.0V (0° to 105°C). A microcontrol-
ler’s (MCU) reset input starts the MCU in a known
state. The STM1810 - STM1813/ STM1815 -
STM1818 Low Power Reset circuits assert reset to
prevent code-execution errors during power-up,
power-down, and brownout conditions (Figure
8., page 7).
During power-up, once VCC exceeds the reset
threshold an internal timer keeps RST low for the
reset time-out period, trec. After this interval, RST
returns high.
If VCC drops below the reset threshold, RST goes
low. Each time RST is asserted, it stays low for at
least the reset time-out period. Any time VCC goes
below the reset threshold, the internal timer clears.
The reset timer starts when VCC returns above the
reset threshold. Reset trec is also triggered by an
externally initiated rising edge on the RST pin
(STM1813/STM1818), following a low signal of
1.5µs minimum duration.
Push-Button Detect Reset (STM1813/1818)
Many systems require push-button reset capability
(Figure 9., page 8), allowing the user or external
logic circuitry to initiate reset. On the STM1813/
STM1818, a logic low on RST held for greater than
1.5µs asserts a reset. RST deasserts following a
100ms minimum reset time-out delay (trec). A
manual reset input shorter than 1.5µs may release
RST without the 100ms minimum reset time-out
delay. To facilitate use with mechanical switches,
the
STM1813/STM1818
contain
internal
de-
bounce circuitry. A debounced waveform is shown
in Figure 10., page 8 The RST output has an inter-
nal 5.5k
Ω pull-up resistor.
Interfacing to Bidirectional Microcontrollers
(MCU’s)
As the RST output on the STM1811/STM1816 is
open drain, these devices interface easily with
MCU’s that have bidirectional reset pins. Connect-
ing the µP supervisor’s reset (RST) output directly
to the microcontroller’s reset (RST) pin allows ei-
ther device to assert reset (Figure 11., page 8). No
external pull-up resistor is required, as it is within
the STM1811/STM1816.
Negative Going VCC Transients
The STM181x are relatively immune to negative-
going
VCC
transients
(glitches).
Figure
20., page 13 shows typical transient duration ver-
sus reset comparator overdrive (for which the
STM181x will NOT generate a reset pulse). The
graph was generated using a negative pulse ap-
plied to VCC, starting at 0.5V above the actual re-
set threshold
and
ending
below it by the
magnitude indicated (comparator overdrive). The
graph indicates the maximum pulse width a nega-
tive VCC transient can have without causing a re-
set pulse. As the magnitude of the transient
increases (further below the threshold), the maxi-
mum allowable pulse width decreases. Any com-
bination of duration and overdrive which lies under
the curve will NOT generate a reset signal. Typi-
cally, a VCC transient that goes 100mV below the
reset threshold and lasts 20µs or less will not
cause a reset pulse. A 0.1µF bypass capacitor
mounted as close as possible to the VCC pin pro-
vides additional transient immunity.
Valid RST Output Down to VCC = 0V
When VCC falls below 1V, the RST output no long-
er sinks current, but becomes an open circuit. In
most systems this is not a problem, as most MCUs
do not operate below 1V. However, in applications
where RST output must be valid down to 0V, a
pull-down resistor may be added to hold the RST
output low (see Figure 12., page 9). This resistor
must be large enough to not load the RST output,
and still be small enough to pull the output to
ground. A 100k
Ω resistor is recommended.
Note: The same situation applies for the active-
high RST of the STM1810/1812. A 100k
Ω pull-up
resistor to VCC should be used if RST must remain
valid for VCC < 1.0V.
Figure 8. Reset Timing Diagram
Note: 1. RST for STM1812 and STM1817
AI09653
RST
RST
(1)
VCC
VRST
VCC (min)
trec
trec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com