Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM813L Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM813L
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM813L Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM813L Datasheet HTML 17Page - STMicroelectronics STM813L Datasheet HTML 18Page - STMicroelectronics STM813L Datasheet HTML 19Page - STMicroelectronics STM813L Datasheet HTML 20Page - STMicroelectronics STM813L Datasheet HTML 21Page - STMicroelectronics STM813L Datasheet HTML 22Page - STMicroelectronics STM813L Datasheet HTML 23Page - STMicroelectronics STM813L Datasheet HTML 24Page - STMicroelectronics STM813L Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
STM705/706/707/708/813L
Figure 31. MR Timing Waveform
Note: 1. RST for STM805.
Figure 32. Watchdog Timing (STM705/706/813L)
Table 6. DC and AC Characteristics
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC
Operating Voltage
1.2(2)
5.5
V
ICC
VCC Supply Current
25
60
µA
ILI
Input Leakage Current (MR)
4.5V < VCC < 5.5V
75
125
300
µA
Input Leakage Current (PFI)
0V = VIN = VCC
–25
2
+25
nA
Input Leakage Current (WDI)
WDI = VCC, time average
120
160
µA
WDI = GND, time average
–20
–15
µA
VIH
Input High Voltage (MR)
4.5V < VCC < 5.5V
2.0
V
VIH
Input High Voltage (WDI)
VRST (max) < VCC < 5.5V
0.7VCC
V
VIL
Input Low Voltage (MR)
4.5V < VCC < 5.5V
0.8
V
VIL
Input Low Voltage (WDI)
VRST (max) < VCC < 5.5V
0.3VCC
V
AI07837a
RST
(1)
MR
tMLRL
trec
tMLMH
AI08833
RST
WDO
WDI
VCC
trec
tWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com