Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM813L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM813L
Description  5V Supervisor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM813L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM813L Datasheet HTML 5Page - STMicroelectronics STM813L Datasheet HTML 6Page - STMicroelectronics STM813L Datasheet HTML 7Page - STMicroelectronics STM813L Datasheet HTML 8Page - STMicroelectronics STM813L Datasheet HTML 9Page - STMicroelectronics STM813L Datasheet HTML 10Page - STMicroelectronics STM813L Datasheet HTML 11Page - STMicroelectronics STM813L Datasheet HTML 12Page - STMicroelectronics STM813L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
STM705/706/707/708/813L
OPERATION
Reset Output
The STM705/706/707/708/813L Supervisor as-
serts a reset signal to the MCU whenever VCC
goes below the reset threshold (VRST), a watch-
dog time-out occurs (if WDO is tied to MR), or
when the Push-button Reset Input (MR) is taken
low. RST is guaranteed to be a logic low (logic
high for STM707/708/813L) for VCC < VRST down
to VCC =1V for TA = 0°C to 85°C.
During power-up, once VCC exceeds the reset
threshold an internal timer keeps RST low for the
reset time-out period, trec. After this interval RST
returns high.
If VCC drops below the reset threshold, RST goes
low. Each time RST is asserted, it stays low for at
least the reset time-out period (trec). Any time VCC
goes below the reset threshold the internal timer
clears. The reset timer starts when VCC returns
above the reset threshold.
Push-button Reset Input
A logic low on MR asserts reset. Reset remains
asserted while MR is low, and for trec (see Figure
31., page 21) after it returns high. The MR input
has an internal 40k
Ω pull-up resistor, allowing it to
be left open if not used. This input can be driven
with TTL/CMOS-logic levels or with open-drain/
collector outputs. Connect a normally open mo-
mentary switch from MR to GND to create a man-
ual reset function; external debounce circuitry is
not required. If MR is driven from long cables or
the device is used in a noisy environment, connect
a 0.1µF capacitor from MR to GND to provide ad-
ditional noise immunity. MR may float, or be tied to
VCC when not used.
Watchdog Input (STM705/706/813L)
The watchdog timer can be used to detect an out-
of-control MCU. If the MCU does not toggle the
Watchdog Input (WDI) within tWD (1.6sec), the re-
set is asserted. The internal 1.6sec timer is
cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high),
which can detect pulses as short as 50ns. If
WDI is tied high or low, a reset pulse is
triggered every 1.8sec (tWD + trec), if WDO is
connected to MR.
See Figure 32., page 21 for STM705/706/813L.
The timer remains cleared and does not count for
as long as reset is asserted. As soon as reset is re-
leased, the timer starts counting.
Note: The watchdog function may be disabled by
floating WDI or tri-stating the driver connected to
WDI. When tri-stated or disconnected, the maxi-
mum allowable leakage current is 10uA and the
maximum allowable load capacitance is 200pF.
Watchdog Output (STM705/706/813L)
When VCC drops below the reset threshold, WDO
will go low even if the watchdog timer has not yet
timed out. However, unlike the reset output, WDO
goes high as soon as VCC exceeds the reset
threshold. WDO may be used to generate a reset
pulse by connecting it to the MR input.
Power-fail Input/Output
The Power-fail Input (PFI) is compared to an inter-
nal reference voltage (independent from the VRST
comparator). If PFI is less than the power-fail
threshold (VPFI), the Power-Fail Output (PFO) will
go low. This function is intended for use as an un-
dervoltage detector to signal a failing power sup-
ply. Typically PFI is connected through an external
voltage divider (see Figure 10., page 8) to either
the unregulated DC input (if it is available) or the
regulated output of the VCC regulator. The voltage
divider can be set up such that the voltage at PFI
falls below VPFI several milliseconds before the
regulated VCC input to the STM705/706/707/708/
813L or the microprocessor drops below the mini-
mum operating voltage.
If the comparator is unused, PFI should be con-
nected to VSS and PFO left unconnected. PFO
may be connected to MR on the STM703/704/818
so that a low voltage on PFI will generate a reset
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com