Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM2XKB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # MM2XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM2XKB Datasheet(HTML) 3 Page - Omron Electronics LLC

  MM2XKB Datasheet HTML 1Page - Omron Electronics LLC MM2XKB Datasheet HTML 2Page - Omron Electronics LLC MM2XKB Datasheet HTML 3Page - Omron Electronics LLC MM2XKB Datasheet HTML 4Page - Omron Electronics LLC MM2XKB Datasheet HTML 5Page - Omron Electronics LLC MM2XKB Datasheet HTML 6Page - Omron Electronics LLC MM2XKB Datasheet HTML 7Page - Omron Electronics LLC MM2XKB Datasheet HTML 8Page - Omron Electronics LLC MM2XKB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
MMK
■ Accessories (Order Separately)
Sockets
Mounting Brackets
Specifications
■ Coil Ratings
Set Coil
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for AC rated current and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. The AC coil resistance values are reference values.
4. The maximum voltage is one that is applicable instantaneously to the Relay coil at an ambient temperature of 23
°C and not continuously.
∗Values in parentheses are for open relays.
Relay
DIN Track/Front-connecting Socket
Back-connecting Socket
Screw terminals
Solder terminals
MM2(X)KP
MM3(X)KP
MM4(X)KP
14PFA
PL15
MM4(X)KP-JD
14PFA
---
Contact form
Model
DPDT
R99-03 (S KANAGU) FOR MM2K.611K
3PDT
R99-03 (S KANAGU) FOR MM3K.612K
4PDT
R99-03 (S KANAGU) FOR MM4K.613K
Rated
voltage (V)
Rated current (mA)
Coil resistance
(
Ω)
Set
volt.
Max
volt.
Power consumption
(VA or W)
DP
3P, 4P
Open Relays
Cased
Open Relays
Cased
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
DP
3P, 4P
% of rated
voltage
AC
6
790
655
690
590
1,285
1,100
1,165
1,000
1.1
0.46
80%
max.
110% Initial:
DP: Approx. 6.2
3P, 4P: Approx. 12
Rated:
DP: Approx. 3.5 (3.9)
3P, 4P: Approx. 6 (6.6)
∗
12
395
325
345
295
640
550
580
500
4.7
1.9
24
195
160
170
145
320
275
290
250
19
8.2
100/
(110)
47
39/45
41
35/40
77
66/76
70
60/68
340
141
200/
(220)
23.5
19.5/
22.5
20.5
17.5/
20
38.5
33/38
35
30/34
1,540
563
DC
6
340
450
17.5
13.4
DP: Approx. 2.1
3P, 4P: Approx. 2.7
12
176
220
68
54
24
87
94
275
255
48
41
52
1,180
930
100/
110
17/19
22/24.5
5,750
4,500
200/
220
8.6/9.5
11/12
23,200 18,000
11PFA
PL11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com