Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM2XKB Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # MM2XKB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM2XKB Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button MM2XKB Datasheet HTML 6Page - Omron Electronics LLC MM2XKB Datasheet HTML 7Page - Omron Electronics LLC MM2XKB Datasheet HTML 8Page - Omron Electronics LLC MM2XKB Datasheet HTML 9Page - Omron Electronics LLC MM2XKB Datasheet HTML 10Page - Omron Electronics LLC MM2XKB Datasheet HTML 11Page - Omron Electronics LLC MM2XKB Datasheet HTML 12Page - Omron Electronics LLC MM2XKB Datasheet HTML 13Page - Omron Electronics LLC MM2XKB Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
MMK
■ Cased Relays with Plug-in Terminal
Cases on Models for Switching DC Loads
As shown at the right, there are three holes
with a 10-mm diameter in the case.
Terminal Arrangement/
Internal Connections
(Bottom View)
Note: Connect the common (C) to positive (+).
Make sure that all common connections are the
same in polarity. The markings of the common
connections on the casing all show "+" but the
polarity of the common connections can be ei-
ther all negative or all positive.
Standard Relays
MM2KP
DC-switching Relays
MM2XKP
MM2(X)KP
MM2KP
80.5 max.
22
54.5 max.
(see note)
119 max.
64.5
max.
3.5
7
5
Note: It is recommended that 55 mm min. is allowed
for this side because the MM2XKP has a
curved protective plate on the side.
Terminal Arrangement/
Internal Connections
(Bottom View)
Note: Connect the common (C) to positive (+).
Make sure that all common connections are the same in polarity. The markings of the common connections on the casing all
show "+" but the polarity of the common connections can be either all negative or all positive.
Standard Relays
MM3KP
DC-switching Relays
MM3XKP
MM3(X)KP
MM4(X)KP
80.5 max.
72.5 max.
(see note)
123 max.
7
22
3.5
64.5
max.
MM4KP
MM4KP
MM4XKP
Note: It is recommended that 73 mm min.
is allowed for this side because the
MM3XKP and MM4XKP have a
curved protective plate on the side.
Case Protective Plate
Be sure the polarity is
correct when connecting
Exposed Models.
This example is for the MN2XK.
This also applies to models with 3 or 4 poles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com