Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM2KB Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MM2KB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM2KB Datasheet(HTML) 5 Page - Omron Electronics LLC

  MM2KB Datasheet HTML 1Page - Omron Electronics LLC MM2KB Datasheet HTML 2Page - Omron Electronics LLC MM2KB Datasheet HTML 3Page - Omron Electronics LLC MM2KB Datasheet HTML 4Page - Omron Electronics LLC MM2KB Datasheet HTML 5Page - Omron Electronics LLC MM2KB Datasheet HTML 6Page - Omron Electronics LLC MM2KB Datasheet HTML 7Page - Omron Electronics LLC MM2KB Datasheet HTML 8Page - Omron Electronics LLC MM2KB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
MMK
■ Contact Ratings
Standard Relays
DC-switching Relays
Note: 1. When switching DC inductive loads at 125 V or more, an unstable region exists for a switching current of between 0.5 and
2.5 A. The Relay will not turn OFF in this region. Use a switching current of 0.5 A or less when switching 125 VDC or more.
2. If L/R exceeds 7 ms when switching DC inductive loads, an arc-breaking time of up to 50 ms must be considered in application and the
circuit must be designed to ensure that an arc-breaking time of 50 ms is not exceeded.
*1. Refer to Switching an Switching an AC Load with a DC-switching Model (“X” Model) on page 13.
Contacts (Conforming to Auxiliary Power Relay Specifications)
Note: 1. When switching DC inductive loads at 125 V or more, an unstable region exists for a switching current of between 0.5 and
2.5 A. The Relay will not turn OFF in this region. Use a switching current of 0.5 A or less when switching 125 VDC or more.
2. If L/R exceeds 7 ms when switching DC inductive loads, an arc-breaking time of up to 50 ms must be considered in application and the
circuit must be designed to ensure that an arc-breaking time of 50 ms is not exceeded.
Item
Open Relays: MM2K(B), MM3K(B), MM4K(B)
Cased Relays: MM2KP, MM3KP, MM4KP
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ=0.4, L/R=7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ=0.4, L/R=7 ms)
Contact mechanism
Single
Contact material
Ag
Rated load
10 A at 220 VAC
7 A at 24 VDC
5 A at 220 VAC
4 A at 24 VDC
Rated carry current
10 A
5 A
Max. switching voltage
250 VAC, 250 VDC
250 VAC, 250 VDC
Max. switching current
10 A
5 A
Max. switching power
(reference value)
2,200 VA, 168 W
1,100 VA, 96W
Item
Open Relays: MM2XK(B), MM3XK(B), MM4XK(B)
Cased Relays: MM2XKP, MM3XKP, MM4XKP
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ=0.4, L/R=7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ=0.4, L/R=7 ms)
Contact mechanism
Single
Contact material
Ag
Rated load
7 A at 110 VDC
6 A at 110 VDC
5 A at 110 VDC
Rated current flow
10 A
5 A
Max. switching voltage
250 VAC, 250 VDC
250 VAC, 250 VDC
Max. switching current
10 A
5 A
Max. switching power
(reference value)
800 W, 20 VA
*1
660 W, 20 VA
*1
700 W, 20 VA
*1
600 W, 20 VA
*1
Item
MM4KP-JD
MM4XKP-JD
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4, L/R= 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4, L/R= 7 ms)
Contact mechanism
Single
Contact material
Ag
Rated load
5 A at 220 VAC, 4 A at 24 VDC
5 A at 110 VDC
Rated carry current
5 A
Max. switching voltage
250 VAC, 250 VDC
Max. switching current
5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com