Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM2KB Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # MM2KB
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MM2KB Datasheet(HTML) 4 Page - Omron Electronics LLC

  MM2KB Datasheet HTML 1Page - Omron Electronics LLC MM2KB Datasheet HTML 2Page - Omron Electronics LLC MM2KB Datasheet HTML 3Page - Omron Electronics LLC MM2KB Datasheet HTML 4Page - Omron Electronics LLC MM2KB Datasheet HTML 5Page - Omron Electronics LLC MM2KB Datasheet HTML 6Page - Omron Electronics LLC MM2KB Datasheet HTML 7Page - Omron Electronics LLC MM2KB Datasheet HTML 8Page - Omron Electronics LLC MM2KB Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MMK
4
Reset Coil
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for AC rated current and
±15% for DC coil resistance.
2. Performance characteristic data are measured at a coil temperature of 23
°C.
3. The AC coil resistance values are reference values.
4. The maximum voltage is one that is applicable instantaneously to the Relay coil at an ambient temperature of 23
°C and not continuously.
Coils (Conforming to Auxiliary Power Relay Specifications)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of +15%/–20% for AC rated current and
±15% for DC coil resistance.
2. The AC coil resistance and coil inductance values are for reference only.
3. Performance characteristic data are measured at a coil temperature of 23
°C.
4. The maximum voltage is one that is applicable instantaneously to the Relay coil at an ambient temperature of 23
°C and not continuously.
Rated voltage (V)
Rated current (mA)
Coil resistance
(
Ω)
Reset voltage
Maximum voltage
Power consumption
(VA or W)
50 Hz
60 Hz
% of rated voltage
AC
6
770
690
2.3
80% max.
110%
Initial: Approx. 6.5
Rated: Approx. 4.1
12
385
345
9.2
24
191
170
35
100/(110)
46
41/46
739
200/(220)
23
20/23
3,030
DC
6
422
14.2
Approx. 2.8
12
215
56
24
109
220
48
58
832
100/110
25/27
4,040
200/220
12.2/13.5
16,330
Rated
voltage (V)
Rated current (mA)
Coil resistance
(
Ω)
Set
voltage
Reset
voltage
Max.
voltage
Opera-
tion
level
(JEC-
174D)
Power consumption (VA or W)
Set coil
Reset coil
Set
coil
Reset
coil
Set coil
Reset coil
50 Hz
60 Hz
50 Hz
60 Hz
% of rated voltage
Initial
Rated
Initial
Rated
AC
24
245
210
191
170
8.5
35
80%
max.
80%
max.
110%
A
Approx.
6.3
Approx.
5.1
Approx.
6.5
Approx.
4.1
100/
(110)
58.5
51/58
46
41/46
150
739
110
53
46
42
37.3
182
835
115
51
44
40
35.7
210
885
200/
(220)
29
25.5/
29
23
20.5/
23
620
3,030
220
26.5
23
21
18.6
780
3,420
DC
24
94
109
255
220
Approx. 2.7
Approx. 2.8
48
52
58
930
832
100/
110
22/24.5
25/27
4,500
4,040
125
22
23.5
5,800
5,330
200/
220
11/12
12.2/13.5
18,000 16,330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com