Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC802 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 8Page - NXP Semiconductors LPC802 Datasheet HTML 9Page - NXP Semiconductors LPC802 Datasheet HTML 10Page - NXP Semiconductors LPC802 Datasheet HTML 11Page - NXP Semiconductors LPC802 Datasheet HTML 12Page - NXP Semiconductors LPC802 Datasheet HTML 13Page - NXP Semiconductors LPC802 Datasheet HTML 14Page - NXP Semiconductors LPC802 Datasheet HTML 15Page - NXP Semiconductors LPC802 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
12 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
PIO0_8/ADC_5
14
14
11
19
B3 [2]
I; PU
IO
PIO0_8 — General-purpose port 0
input/output 8. In ISP mode, this is the
U0_RXD pin (for dual supply devices).
A
ADC_5 — ADC input 5.
PIO0_9/ADC_4
13
13
10
18
A3 [2]
I; PU
IO
PIO0_9 — General-purpose port 0
input/output 9. In ISP mode, this is the
U0_TXD pin (for dual supply devices)
A
ADC_4 — ADC input 4.
PIO0_10/ADC_7
10
10
-
9
-
[2]
I; PU
IO
PIO0_10 — General-purpose port 0
input/output 10.
A
ADC_7 — ADC input 7.
PIO0_11/ADC_6/
WKTCLKIN
9
988
A1 [6]
I; PU
IO
PIO0_11 — General-purpose port 0
input/output 11.
A
ADC_6 — ADC input 6.
I
WKTCKLKIN — This pin can host an external
clock for the self-wake-up timer. To use the pin
as a self-wake-up timer clock input, select the
external clock in the wake-up timer CTRL
register. The external clock input is active in
sleep, deep-sleep, and power-down modes.
PIO0_12
4
4
3
3
C1 [3]
I; PU
IO
PIO0_12 — General-purpose port 0
input/output 12. ISP entry pin. A LOW level on
this pin during reset starts the ISP command
handler.
PIO0_13/ADC_10
3
3
2
2
D2 [2]
I; PU
IO
PIO0_13 — General-purpose port 0
input/output 13.
A
ADC_10 — ADC input 10.
PIO0_14/
ACMP_I3/ADC_2
20
20
-
25
-
[2]
I; PU
IO
PIO0_14 — General-purpose port 0
input/output 14.
A
ACMP_I3 — Analog comparator common
input 3.
A
ADC_2 — ADC input 2.
PIO0_15/ADC8
11
11
-
16
-
[2]
I; PU
IO
PIO0_15 — General-purpose port 0
input/output 15.
ADC_8 — ADC input 8.
PIO0_16/
ACMP_I4/ADC_3
11
-
32
-
[2]
I; PU
IO
PIO0_16 — General-purpose port 0
input/output 16.
ACMP_I4 — Analog comparator common
input 4.
ADC_3 — ADC input 3.
PIO0_17/ADC_9
2
-
1
1
D1 [2]
I; PU
IO
PIO0_17 — General-purpose port 0
input/output 17.
A
ADC_9 — ADC input 9.
Table 4.
Pin description
Symbol
Reset
state[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com