Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC802 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 17Page - NXP Semiconductors LPC802 Datasheet HTML 18Page - NXP Semiconductors LPC802 Datasheet HTML 19Page - NXP Semiconductors LPC802 Datasheet HTML 20Page - NXP Semiconductors LPC802 Datasheet HTML 21Page - NXP Semiconductors LPC802 Datasheet HTML 22Page - NXP Semiconductors LPC802 Datasheet HTML 23Page - NXP Semiconductors LPC802 Datasheet HTML 24Page - NXP Semiconductors LPC802 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
21 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
9.13.1 Features
• Maximum data rates of up to 15 Mbit/s in master mode and up to 18 Mbit/s in slave
mode for SPI functions connected to all digital pins.
• Data frames of 1 to 16 bits supported directly. Larger frames supported by software.
• Master and slave operation.
• Data can be transmitted to a slave without the need to read incoming data, which can
be useful while setting up an SPI memory.
• Control information can optionally be written along with data, which allows very
versatile operation, including “any length” frames.
• One Slave Select input/output with selectable polarity and flexible usage.
Remark: Texas Instruments SSI and National Microwire modes are not supported.
9.14 I2C-bus interface (I2C0)
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus and can be
controlled by more than one bus master.
9.14.1 Features
• I2C0 supports standard and fast mode with data rates of up to 400 kbit/s.
• Independent Master, Slave, and Monitor functions.
• Supports both Multi-master and Multi-master with Slave functions.
• Multiple I2C slave addresses supported in hardware.
• One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C bus addresses.
• 10-bit addressing supported with software assist.
• Supports SMBus.
9.15 CTimer
9.15.1 General-purpose 32-bit timers/external event counter
The LPC802 has one general-purpose 32-bit timer/counter.
The timer/counter is designed to count cycles of the system derived clock or an
externally-supplied clock. It can optionally generate interrupts or perform other actions at
specified timer values, based on four match registers. The timer/counter also includes
three capture inputs to trap the timer value when an input signal transitions, optionally
generating an interrupt.
9.15.1.1 Features
• A 32-bit timer/counter with a programmable 32-bit prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com