Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC-R2-B Datasheet(PDF) 17 Page - Hirose Electric

Part # HSC-R2-B
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-R2-B Datasheet(HTML) 17 Page - Hirose Electric

Back Button HSC-R2-B Datasheet HTML 13Page - Hirose Electric HSC-R2-B Datasheet HTML 14Page - Hirose Electric HSC-R2-B Datasheet HTML 15Page - Hirose Electric HSC-R2-B Datasheet HTML 16Page - Hirose Electric HSC-R2-B Datasheet HTML 17Page - Hirose Electric HSC-R2-B Datasheet HTML 18Page - Hirose Electric HSC-R2-B Datasheet HTML 19Page - Hirose Electric HSC-R2-B Datasheet HTML 20Page - Hirose Electric HSC-R2-B Datasheet HTML 21Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
43
Installation image
Simplified Receptacles & Plugs
sFeatures
1.Space saving: Only 23.8mm plug length.
Types of SC plug
Length(mm)
Simplified plug
23.8
SC plug for 0.9mm fiber
33
SC2 plug for 0.9mm fiber
33
a
a
In side equipment
SC Simplified plug
Out side equipment
SC or SC2 plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com