Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSC-R2-B Datasheet(PDF) 14 Page - Hirose Electric

Part # HSC-R2-B
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-R2-B Datasheet(HTML) 14 Page - Hirose Electric

Back Button HSC-R2-B Datasheet HTML 10Page - Hirose Electric HSC-R2-B Datasheet HTML 11Page - Hirose Electric HSC-R2-B Datasheet HTML 12Page - Hirose Electric HSC-R2-B Datasheet HTML 13Page - Hirose Electric HSC-R2-B Datasheet HTML 14Page - Hirose Electric HSC-R2-B Datasheet HTML 15Page - Hirose Electric HSC-R2-B Datasheet HTML 16Page - Hirose Electric HSC-R2-B Datasheet HTML 17Page - Hirose Electric HSC-R2-B Datasheet HTML 18Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Part Number
CL No.
Split sleeve
Color
HSCH-2A1(P)(51)
704-2066-2-51
Copper sleeve
Blue
HSCH-2A1-D(P)(02)
704-2117-1-02
Zirconia
Part Number
CL No.
Split sleeve
Color
HSCF-2A(P)(51)
704-2008-6-51
Copper sleeve
Blue
HSCF-2A-D(P)(06)
704-2040-9-06
Zirconia
HSCF-2A-D2(P)(06)
704-2112-8-06
Green
40
1.8
3
27.4
9.4
Ø2.3
26.2 +0.3
0
30.7±0.1
M2
×0.4 or
2.4
+0.2
0
sAdapters
qF type Snap-in and/or Screw Mounting
BPanel cut-out
BPanel cut-out
BPanel cut-out
qH type Snap-in
qH type Snap-in and/or Screw Mounting
13
+0.3
0
18±0.1
+0.2
0
M2∞0.4 or Ø2.4
13
27.4
1.8
20.5
17.9
27.4
3
1.8
Ø2.3
(8.5)
(8.5)
3
+0.3
0
Panel thickness: 1.6mm
Panel thickness: 1.6mm
Panel thickness: 1.6mm
17.9
Part Number
CL No.
Split sleeve
Color
HSCH-2A(P)(51)
704-2020-1-51
Copper sleeve
Blue
HSCH-2A-D(P)(02)
704-2062-1-02
Zirconia
HSCH-2A-D2(P)(03)
704-2108-0-03
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com